Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 69 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 69 Page - NEC

Back Button VR4102 Datasheet HTML 65Page - NEC VR4102 Datasheet HTML 66Page - NEC VR4102 Datasheet HTML 67Page - NEC VR4102 Datasheet HTML 68Page - NEC VR4102 Datasheet HTML 69Page - NEC VR4102 Datasheet HTML 70Page - NEC VR4102 Datasheet HTML 71Page - NEC VR4102 Datasheet HTML 72Page - NEC VR4102 Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 701 page
background image
CHAPTER 2 PIN FUNCTIONS
69
2.2.8 Keyboard Interface Signals
These signals are used to control a keyboard circuit to the VR4102. Table 2-8 describes the functions of these
signals.
Table 2-8. Keyboard Interface Signals
Signal
I/O
Description of function
KPORT[7..0]
I
This is a keyboard scan data input signal. It is used to scan for pressed keys on the keyboard.
KSCAN[11..0]/
GPIO[43..32]
O
These signal are used as keyboard scan data output signals and a general-purpose output port. The scan
line is set as active when scanning for pressed keys on the keyboard.
Pins that are not used for the key scan operation can be used as a general-purpose output port.
2.2.9 Audio Interface Signals
This signal is used to input/output audio signals. Table 2-9 describes the functions of this signal.
Table 2-9. Audio Interface Signals
Signal
I/O
Description of function
AUDIOOUT
O
This is an audio output signal. Analog signals that have been converted via the on-chip 10-bit D/A
converter are output.
AUDIOIN
I
This pin is the audio input pin.
2.2.10 Touch Panel/General Purpose A/D Interface Signals
These are the signals to the on-chip A/D converter of the VR4102. Four of these signals are used for a touch
panel, one is used for audio input, and the remaining three are used as general-purpose pins. Table 2-10 describes
the functions of these signals.
Table 2-10. Touch Panel/General Purpose A/D Interface Signals
Signal
I/O
Description of function
TPX[1..0]
I/O
This is an I/O signal that is used for the touch panel. It uses the voltage applied to the X coordinate and
the voltage input to the Y coordinate to detect which coordinates on the touch panel are being pressed.
TPY[1..0]
I/O
This is an I/O signal that is used for the touch panel. It uses the voltage applied to the Y coordinate and
the voltage input to the X coordinate to detect which coordinates on the touch panel are being pressed.
ADIN[2..0]
I
This is a general-purpose A/D input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com