Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 68 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 68 Page - NEC

Back Button VR4102 Datasheet HTML 64Page - NEC VR4102 Datasheet HTML 65Page - NEC VR4102 Datasheet HTML 66Page - NEC VR4102 Datasheet HTML 67Page - NEC VR4102 Datasheet HTML 68Page - NEC VR4102 Datasheet HTML 69Page - NEC VR4102 Datasheet HTML 70Page - NEC VR4102 Datasheet HTML 71Page - NEC VR4102 Datasheet HTML 72Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 701 page
background image
CHAPTER 2 PIN FUNCTIONS
68
2.2.6 IrDA Interface Signals
These signals are used to control data transmission and reception between the VR4102 and an IrDA controller.
Table 2-6 describes the functions of these signals.
Table 2-6. IrDA Interface Signals
Signal
I/O
Description of function
IRDIN
I
This is the IrDA serial data input signal. It is used when the VR4102 sends serial data to the IrDA
controller, for both FIR and SIR. If the IrDA controller used is an HP product, however, this signal should
be used for only SIR.
FIRDIN#/SEL
I/O
This function differs according to the IrDA controller used (for how to switch a controller, refer to 24.2.13).
x HP’s controller
FIRDIN#: It is a FIR receive data input signal.
x TEMIC’s controller
SEL: It is an output port for external FIR/SIR switching.
x SHARP’s controller
Use is prohibited.
IRDOUT#
O
This is the IrDA serial data output signal for both SIR and FIR. It is used when the IrDA controller sends
serial data to the VR4102.
2.2.7 Debug Serial Interface Signals
These signals are used to control data transmission and reception between the VR4102 and a external debug
serial controller. Table 2-7 describes the functions of these signals.
Table 2-7. Debug Serial Interface Signals
Signal
I/O
Description of function
DDOUT/
GPIO[44]
O
This is the debug serial data output signal. It is used when an external debug serial data controller sends
serial data to the VR4102.
When this pin is not used for the DDOUT signal, it can be used as a general-purpose output port.
DDIN/
GPIO[45]
I/O
This is the debug serial data input signal. It is used when the VR4102 sends serial data to an external
debug serial controller.
When this pin is not used for the DDIN signal, it can be used as a general-purpose output port.
DRTS#/
GPIO[46]
O
This is a transmission request signal. The VR4102 asserts this signal before sending serial data.
When this pin is not used for the DRTS# signal, it can be used as a general-purpose output port.
DCTS#/
GPIO[47]
I/O
This is a transmit acknowledge signal. The VR4102 asserts this signal when it is ready to receive
transmitted serial data.
When this pin is not used for the DCTS# signal, it can be used as a general-purpose output port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com