| Electronic Components Datasheet Search |
|
VR4102 Datasheet(PDF) 94 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 Datasheet(HTML) 94 Page - NEC |
|
94 / 701 page ![]() CHAPTER 3 CPU INSTRUCTION SET SUMMARY 94 There are special symbols used in the instruction formats of Tables 3-15 through 3-19. REGIMM : Opcode Sub : Sub-operation code CO : Sub-operation identifier BC : BC sub-operation code br : Branch condition identifier op : Operation code Table 3-15. Branch Instructions Instruction Format and Description Branch On Equal BEQ rs, rt, offset If the contents of register rs are equal to that of register rt, the program branches to the target address. Branch On Not Equal BNE rs, rt, offset If the contents of register rs are not equal to that of register rt, the program branches to the target address. Branch On Less Than Or Equal To Zero BLEZ rs, offset If the contents of register rs are less than or equal to zero, the program branches to the target address. Branch On Greater Than Zero BGTZ rs, offset If the contents of register rs are greater than zero, the program branches to the target address. Instruction Format and Description Branch On Less Than Zero BLTZ rs, offset If the contents of register rs are less than zero, the program branches to the target address. Branch On Greater Than Or Equal To Zero BGEZ rs, offset If the contents of register rs are greater than or equal to zero, the program branches to the target address. Branch On Less Than Zero And Link BLTZAL rs, offset The address of the instruction that follows delay slot is stored to register r31 (link register). If the contents of register rs are less than zero, the program branches to the target address. Branch On Greater Than Or Equal To Zero And Link BGEZAL rs, offset The address of the instruction that follows delay slot is stored to register r31 (link register). If the contents of register rs are greater than or equal to zero, the program branches to the target address. Instruction Format and Description Branch On Coprocessor 0 True BC0T offset Adds the 16-bit offset (shifted left by two bits and sign extended to 32 bits) to the address of the instruction in the delay slot to calculate out the branch target address. If the conditional signal of the coprocessor 0 is true, the program branches to the target address with one-instruction delay. Branch On Coprocessor 0 False BC0F offset Adds the 16-bit offset (shifted left by two bits and sign extended to 32 bits) to the address of the instruction in the delay slot to calculate out the branch target address. If the conditional signal of the coprocessor 0 is false, the program branches to the target address with one-instruction delay. op rs rt offset REGIMM offset rs sub COP0 offset BC br |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |