Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 231 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 231 Page - NEC

Back Button VR4102 Datasheet HTML 227Page - NEC VR4102 Datasheet HTML 228Page - NEC VR4102 Datasheet HTML 229Page - NEC VR4102 Datasheet HTML 230Page - NEC VR4102 Datasheet HTML 231Page - NEC VR4102 Datasheet HTML 232Page - NEC VR4102 Datasheet HTML 233Page - NEC VR4102 Datasheet HTML 234Page - NEC VR4102 Datasheet HTML 235Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 701 page
background image
231
CHAPTER 9 CPU CORE INTERRUPTS
Four types of interrupt are available on the CPU core. These are:
— one non-maskable interrupt, NMI
— five ordinary interrupts
— two software interrupts
— one timer interrupt
These are described in this chapter.
9.1 NON-MASKABLE INTERRUPT (NMI)
The non-maskable interrupt request signal is acknowledged by asserting the NMI signal (internal), forcing the
processor to branch to the Reset Exception vector. This NMI signal is latched into an internal register at the rising
edge of MasterOut, as shown in Figure 9-1.
NMI only takes effect when the processor pipeline is running.
This interrupt cannot be masked.
Figure 9-1 shows the internal derivation of the NMI signal. The NMI signal is latched into an internal register at
the rising edge of MasterOut. The latched NMI signal is inverted and then transmitted as an NMI request.
Figure 9-1. Non-maskable Interrupt Signal
NMI request
NMI signal
MasterOut
(Internal register)
9.2 ORDINARY INTERRUPTS
Ordinary interrupts are set by asserting the Int(4:0) signals (internal).
However, Int4 never occur on the
VR4102.
These interrupts can be masked with the IM(6..2), IE, and EXL fields of the Status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com