Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 248 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 248 Page - NEC

Back Button VR4102 Datasheet HTML 244Page - NEC VR4102 Datasheet HTML 245Page - NEC VR4102 Datasheet HTML 246Page - NEC VR4102 Datasheet HTML 247Page - NEC VR4102 Datasheet HTML 248Page - NEC VR4102 Datasheet HTML 249Page - NEC VR4102 Datasheet HTML 250Page - NEC VR4102 Datasheet HTML 251Page - NEC VR4102 Datasheet HTML 252Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 701 page
background image
CHAPTER 10 BCU (BUS CONTROL UNIT)
248
10.4.3 ROM Interface
(1) Switching among ROM, PageROM, and Flash Memory Modes
The VR4102 supports three modes (ROM, PageROM and Flash Memory). The mode setting in ROM bank 3/2 is
set via BCUCNTREG1’s ROMWEN2 and PAGEROM2 bits, and the mode setting in ROM bank 1/0 is set via the
ROMWEN0 and PAGEROM0 bits. In Ordinary ROM mode or Flash Memory mode, the VR4102 can access to
memories regardless of its mode name. Table 10-5 shows accessible memory types and methods of access in
each mode.
Table 10-5. Summary of ROM Modes
Mode
Setting
Access-enabled devices
ROMWEN2/0
PAGEROM2/0
Memory read
Flash Memory
register read
Flash Memory
write
Ordinary ROM
0
0
Ordinary ROM
PageROM
Flash Memory
N/A
N/A
PageROM
0
1
PageROM
N/A
N/A
Flash Memory
1
don’t care
Ordinary ROM
PageROM
Flash Memory
Flash Memory
Flash Memory
Remark
The initial setting is Ordinary ROM mode.
(2) Access Speed Setting
The VR4102 enables the access speed to be changed when operating in Ordinary ROM mode or PageROM
mode.
For details, see 10.5.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com