Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 313 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 313 Page - NEC

Back Button VR4102 Datasheet HTML 309Page - NEC VR4102 Datasheet HTML 310Page - NEC VR4102 Datasheet HTML 311Page - NEC VR4102 Datasheet HTML 312Page - NEC VR4102 Datasheet HTML 313Page - NEC VR4102 Datasheet HTML 314Page - NEC VR4102 Datasheet HTML 315Page - NEC VR4102 Datasheet HTML 316Page - NEC VR4102 Datasheet HTML 317Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 701 page
background image
CHAPTER 14 ICU (INTERRUPT CONTROL UNIT)
313
14.2.17 FIRINTREG (0x0B00 0204)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
D7
D6D5
D4D3D2
D1
D0
Name
Reserved
Reserved
Reserved
FIRINT
FDPINT[4]
FDPINT[3]
FDPINT[2]
FDPINT[1]
R/W
R
RR
RRR
R
R
RTCRST
0
0
0
0
0
0
0
0
Other resets
0
0
0
0
0
0
0
0
Bit
Name
Function
D[15..5]
Reserved
Write 0 when writing. 0 is returned after a read.
D[4]
FIRINT
Interrupt from FIR unit
1 : Occurred
0 : Normal
D[3]
FDPINT[4]
FIR DMA buffer (receive side) 2 page interrupt
1 : Occurred
0 : Normal
D[2]
FDPINT[3]
FIR DMA buffer (transmit side) 2 page interrupt
1 : Occurred
0 : Normal
D[1]
FDPINT[2]
FIR DMA buffer (receive side) 1 page interrupt
1 : Occurred
0 : Normal
D[0]
FDPINT[1]
FIR DMA buffer (transmit side) 1 page interrupt
1 : Occurred
0 : Normal
This register indicates when various FIR-related interrupts occur.
When FDPINT[4] or FDPINT[3] is set to 1, the VR4102 stops the DMA requests. When FDPINT[2] or FDPINT[1]
is set to 1 during the FDPCNT bit of the DPCNTR register (0x0C00 004C) is set to 1 (DMA buffer 1 page interrupt is
enabled), the VR4102 stops the DMA requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com