Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 378 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 378 Page - NEC

Back Button VR4102 Datasheet HTML 374Page - NEC VR4102 Datasheet HTML 375Page - NEC VR4102 Datasheet HTML 376Page - NEC VR4102 Datasheet HTML 377Page - NEC VR4102 Datasheet HTML 378Page - NEC VR4102 Datasheet HTML 379Page - NEC VR4102 Datasheet HTML 380Page - NEC VR4102 Datasheet HTML 381Page - NEC VR4102 Datasheet HTML 382Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 701 page
background image
CHAPTER 18 GIU (GENERAL PURPOSE I/O UNIT)
378
18.2.15 GIUPODATL (0x0B00 011C)
Bit
D15
D14
D13
D12
D11
D10
D9
D8
Name
PIOD[47]
PIOD[46]
PIOD[45]
PIOD[44]
PIOD[43]
PIOD[42]
PIOD[41]
PIOD[40]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
1
1
1
1
1
1
1
1
Other resets
1
1
1
1
1
1
1
1
Bit
D7
D6D5
D4D3D2
D1
D0
Name
PIOD[39]
PIOD[38]
PIOD[37]
PIOD[36]
PIOD[35]
PIOD[34]
PIOD[33]
PIOD[32]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
RTCRST
1
1
1
1
1
1
1
1
Other resets
1
1
1
1
1
1
1
1
Bit
Name
Function
D[15..0]
PIOD[47..32]
GPIO pin output data specification
1 : High
0 : Low
This register is used to set the output level for GPIO pins. The PIOD[47..32] bits correspond to the GPIO[47..32]
pins.
The data written to the PIOD bit is output via the corresponding GPIO pin. The set value can be read by reading
the PIOD bit.
Pins set by this register are output-only. Pins set by this register are used exclusively from other function pins.
Therefore, when using this register, set the enable bit to prohibit in the corresponding unit.
The correspondences between PIOD bits and function pins are listed in the table on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com