Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 384 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 384 Page - NEC

Back Button VR4102 Datasheet HTML 380Page - NEC VR4102 Datasheet HTML 381Page - NEC VR4102 Datasheet HTML 382Page - NEC VR4102 Datasheet HTML 383Page - NEC VR4102 Datasheet HTML 384Page - NEC VR4102 Datasheet HTML 385Page - NEC VR4102 Datasheet HTML 386Page - NEC VR4102 Datasheet HTML 387Page - NEC VR4102 Datasheet HTML 388Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 701 page
background image
CHAPTER 19 PIU (TOUCH PANEL INTERFACE UNIT)
384
19.2 SCAN SEQUENCER STATE TRANSITION
Figure 19-4. Scan Sequencer State Transition Diagram
WaitPenTouch
DataScan
Interval
ADPortScan
CMDScan
Standby
Disable
PIUSeqEN=1
&
ADPSStart=1
PIUSeqEn=
1
TimeOut
Release &
AutoStop=1
Touch
auto
ADPSStart=
PIUSeqEN=1
& PIUmode=01
PIUSeqEn=0
Release
PIUSeqEn=0
PIUSeqEn=0
PIUPWR=0
PIUPWR=1
Reset=1
PIUSeqEn=1
& ScanStart=1
ScanStart=1
PIUSeqEn=0 or ScanStop=1
• Disable state
In this state, the A/D converter is in standby mode, the output pins are in touch detection mode (no PIU
interrupt), and the input pins are in mask mode (to prevent misoperation when an undefined input is applied).
• Standby state
In this state, the unit is in scan idle mode. The touch panel is in low-power mode (0-V voltage is applied to
the touch panel and the A/D converter is in disable mode). Normally, this is the state from which various
mode settings are made.
Caution
State transitions occur when the PIUSEQEN bit is active, so the PIUSEQEN bit must be set
as active after each mode setting has been completed.
• ADPortScan state
This is the state in which voltage is measured at the three A/D converter’s general-purpose ports and one
audio input port. After the A/D converter is activated and voltage data is obtained, the data is stored in the
PIU’s internal data buffer (PIUABxREG). After the four ports are scanned, a PadCMDIntr interrupt occurs.
After this interrupt occurs, the ADPSSTART bit is automatically set as inactive and the state changes to the
state in which the ADPSSTART bit was active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com