Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR4102 Datasheet(PDF) 143 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 143 Page - NEC

Back Button VR4102 Datasheet HTML 139Page - NEC VR4102 Datasheet HTML 140Page - NEC VR4102 Datasheet HTML 141Page - NEC VR4102 Datasheet HTML 142Page - NEC VR4102 Datasheet HTML 143Page - NEC VR4102 Datasheet HTML 144Page - NEC VR4102 Datasheet HTML 145Page - NEC VR4102 Datasheet HTML 146Page - NEC VR4102 Datasheet HTML 147Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 701 page
background image
CHAPTER 5 MEMORY MANAGEMENT SYSTEM
143
Figure 5-11. Format of a TLB Entry (1/2)
(a) PageMask Register
18
19
0
31
11
10
0
MASK
0
13
8
11
MASK : Page comparison mask, which determines the virtual page size for the corresponding entry.
0
: Reserved for future use. Write 0 in a write operation. When this field is read, 0 is read.
(b) EntryHi Register
39
40
(a) 32-bit mode
8
3
21
0
31
11 10
8
7
VPN2
0
ASID
(b) 64-bit mode
62
61
8
3
2
22
29
0
63
11 10
8
7
R
Fill
VPN2
0
ASID
VPN2: Virtual page number divided by two (mapping to two pages)
ASID : Address space ID. An 8-bit ASID field that lets multiple processes share the TLB; each process has a
distinct mapping of otherwise identical virtual page numbers.
R
: Space type (00
o user, 01 o supervisor, 11 o kernel). Matches bits 63 and 62 of the virtual address.
Fill
: Reserved. Ignored on write. When read, returns zero.
0
: Reserved for future use. Write 0 in a write operation. When this field is read, 0 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com