Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2990IDDFR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2990IDDFR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2990IDDFR Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA2990IDDFR Datasheet HTML 25Page - Texas Instruments OPA2990IDDFR Datasheet HTML 26Page - Texas Instruments OPA2990IDDFR Datasheet HTML 27Page - Texas Instruments OPA2990IDDFR Datasheet HTML 28Page - Texas Instruments OPA2990IDDFR Datasheet HTML 29Page - Texas Instruments OPA2990IDDFR Datasheet HTML 30Page - Texas Instruments OPA2990IDDFR Datasheet HTML 31Page - Texas Instruments OPA2990IDDFR Datasheet HTML 32Page - Texas Instruments OPA2990IDDFR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
7.3.5 Common-Mode Voltage Range
The OPAx990 is a 40-V, true rail-to-rail input operational amplifier with an input common-mode range that
extends 200 mV beyond either supply rail. This wide range is achieved with paralleled complementary N-channel
and P-channel differential input pairs, as shown in Figure 7-8. The N-channel pair is active for input voltages
close to the positive rail, typically (V+) – 1 V to 100 mV above the positive supply. The P-channel pair is active
for inputs from 100 mV below the negative supply to approximately (V+) – 2 V. There is a small transition region,
typically (V+) – 2 V to (V+) – 1 V in which both input pairs are on. This transition region can vary modestly with
process variation, and within this region PSRR, CMRR, offset voltage, offset drift, noise, and THD performance
may be degraded compared to operation outside this region.
Figure 6-5 shows this transition region for a typical device in terms of input voltage offset in more detail.
For more information on common-mode voltage range and PMOS/NMOS pair interaction, see Op Amps With
Complementary-Pair Input Stages application note.
NMOS
PMOS
PMOS
NMOS
V-
V+
IN+
IN-
Figure 7-8. Rail-to-Rail Input Stage
7.3.6 Phase Reversal Protection
The OPAx990 family has internal phase-reversal protection. Many op amps exhibit a phase reversal when the
input is driven beyond its linear common-mode range. This condition is most often encountered in non-inverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The OPAx990 is a rail-to-rail input op amp; therefore, the common-mode range can
extend up to the rails. Input signals beyond the rails do not cause phase reversal; instead, the output limits into
the appropriate rail. This performance is shown in Figure 7-9. For more information on phase reversal, see Op
Amps With Complementary-Pair Input Stages application note.
Time (20µs/Div)
C016
Input
Output
Figure 7-9. No Phase Reversal
www.ti.com
OPA990, OPA2990, OPA4990
SBOS933H – FEBRUARY 2019 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA990 OPA2990 OPA4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com