Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2990IDDFR Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2990IDDFR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2990IDDFR Datasheet(HTML) 80 Page - Texas Instruments

Back Button OPA2990IDDFR Datasheet HTML 73Page - Texas Instruments OPA2990IDDFR Datasheet HTML 74Page - Texas Instruments OPA2990IDDFR Datasheet HTML 75Page - Texas Instruments OPA2990IDDFR Datasheet HTML 76Page - Texas Instruments OPA2990IDDFR Datasheet HTML 77Page - Texas Instruments OPA2990IDDFR Datasheet HTML 78Page - Texas Instruments OPA2990IDDFR Datasheet HTML 79Page - Texas Instruments OPA2990IDDFR Datasheet HTML 80Page - Texas Instruments OPA2990IDDFR Datasheet HTML 81Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 80 / 81 page
background image
NOTES: (continued)
4.
Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
EXAMPLE STENCIL DESIGN
4220584/A 05/2019
www.ti.com
X2QFN - 0.4 mm max height
RUC0014A
PLASTIC QUAD FLAT PACK- NO LEAD
SOLDER PASTE EXAMPLE
BASED ON 0.100mm THICK STENCIL
SCALE: 23X
SYMM
SYMM
14X (0.2)
14X (0.6)
(1.6)
(1.8)
(R0.05)
8X (0.4)
2X (0.4)
(1.8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com