Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2990IDDFR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2990IDDFR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2990IDDFR Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA2990IDDFR Datasheet HTML 21Page - Texas Instruments OPA2990IDDFR Datasheet HTML 22Page - Texas Instruments OPA2990IDDFR Datasheet HTML 23Page - Texas Instruments OPA2990IDDFR Datasheet HTML 24Page - Texas Instruments OPA2990IDDFR Datasheet HTML 25Page - Texas Instruments OPA2990IDDFR Datasheet HTML 26Page - Texas Instruments OPA2990IDDFR Datasheet HTML 27Page - Texas Instruments OPA2990IDDFR Datasheet HTML 28Page - Texas Instruments OPA2990IDDFR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 81 page
background image
7.3 Feature Description
7.3.1 Input Protection Circuitry
The OPAx990 uses a unique input architecture to eliminate the requirement for input protection diodes but still
provides robust input protection under transient conditions. Figure 7-1 shows conventional input diode protection
schemes that are activated by fast transient step responses and introduce signal distortion and settling time
delays because of alternate current paths, as shown in Figure 7-2. For low-gain circuits, these fast-ramping input
signals forward-bias back-to-back diodes, causing an increase in input current and resulting in extended settling
time.
OPAx990
40 V
~0.7 V
VOUT
V+
V
Conventional Input Protection
Limits Differential Input Range
OPAx990 Provides Full 40-V
Differential Input Range
VIN+
VIN
VOUT
V+
V
VIN+
VIN
Figure 7-1. OPAx990 Input Protection Does Not Limit Differential Input Capability
Input Low-Pass Filter
Ron_mux
CS
CS
CD
Sn
Sn+1
D
Simplified Mux Model
RFILT
RFILT
CFILT
CFILT
Vn = 10 V
Vn+1 = ±10 V
10 V
±10 V
Buffer Amplifier
1
2
Idiode_transient
10 V
~±9.3 V
1
VIN+
VIN±
~0.7 V
VOUT
2
±10 V
Ron_mux
Figure 7-2. Back-to-Back Diodes Create Settling Issues
The OPAx990 family of operational amplifiers provides a true high-impedance differential input capability for
high-voltage applications using a patented input protection architecture that does not introduce additional signal
distortion or delayed settling time, making the device an optimal op amp for multichannel, high-switched, input
applications. The OPA990 tolerates a maximum differential swing (voltage between inverting and non-inverting
pins of the op amp) of up to 40 V, making the device suitable for use as a comparator or in applications
with fast-ramping input signals such as data-acquisition systems; see the TI TechNote MUX-Friendly Precision
Operational Amplifiers for more information.
7.3.2 EMI Rejection
The OPAx990 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved with circuit design techniques; the OPAx990 benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to 6 GHz. Figure
7-3 shows the results of this testing on the OPAx990. Table 7-1 shows the EMIRR IN+ values for the OPAx990 at
particular frequencies commonly encountered in real-world applications. The EMI Rejection Ratio of Operational
www.ti.com
OPA990, OPA2990, OPA4990
SBOS933H – FEBRUARY 2019 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA990 OPA2990 OPA4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com