Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2990IDDFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2990IDDFR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2990IDDFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2990IDDFR Datasheet HTML 3Page - Texas Instruments OPA2990IDDFR Datasheet HTML 4Page - Texas Instruments OPA2990IDDFR Datasheet HTML 5Page - Texas Instruments OPA2990IDDFR Datasheet HTML 6Page - Texas Instruments OPA2990IDDFR Datasheet HTML 7Page - Texas Instruments OPA2990IDDFR Datasheet HTML 8Page - Texas Instruments OPA2990IDDFR Datasheet HTML 9Page - Texas Instruments OPA2990IDDFR Datasheet HTML 10Page - Texas Instruments OPA2990IDDFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
1
OUT1
14
OUT4
2
IN1±
13
IN4±
3
IN1+
12
IN4+
4
V+
11
V±
5
IN2+
10
IN3+
6
IN2±
9
IN3±
7
OUT2
8
OUT3
Not to scale
Figure 5-6. OPA4990 D and PW Package
14-Pin SOIC and TSSOP
Top View
1
IN1+
12
IN4+
2
V+
11
V±
3
IN2+
10
IN3+
4
IN2±
9
IN3±
Not to scale
Thermal
Pad
A.
Connect thermal pad to V–. See Packages with an Exposed
Thermal Pad section for more information.
Figure 5-7. OPA4990 RTE Package(A)
16-Pin WQFN With Exposed Thermal Pad
Top View
1
IN1±
2
IN1+
3
V+
4
IN2+
5
IN2±
8
IN3±
9
IN3+
10
V±
11
IN4+
12
IN4±
Not to scale
Figure 5-8. OPA4990 RUC Package
14-Pin X2QFN With Exposed Thermal Pad
Top View
Table 5-5. Pin Functions: OPA4990
PIN
I/O
DESCRIPTION
NAME
SOIC and
TSSOP
WQFN
X2QFN
IN1+
3
1
2
I
Noninverting input, channel 1
IN1–
2
16
1
I
Inverting input, channel 1
IN2+
5
3
4
I
Noninverting input, channel 2
www.ti.com
OPA990, OPA2990, OPA4990
SBOS933H – FEBRUARY 2019 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA990 OPA2990 OPA4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com