Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2990IDDFR Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2990IDDFR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2990IDDFR Datasheet(HTML) 79 Page - Texas Instruments

Back Button OPA2990IDDFR Datasheet HTML 73Page - Texas Instruments OPA2990IDDFR Datasheet HTML 74Page - Texas Instruments OPA2990IDDFR Datasheet HTML 75Page - Texas Instruments OPA2990IDDFR Datasheet HTML 76Page - Texas Instruments OPA2990IDDFR Datasheet HTML 77Page - Texas Instruments OPA2990IDDFR Datasheet HTML 78Page - Texas Instruments OPA2990IDDFR Datasheet HTML 79Page - Texas Instruments OPA2990IDDFR Datasheet HTML 80Page - Texas Instruments OPA2990IDDFR Datasheet HTML 81Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
NOTES: (continued)
3.
For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271)
.
EXAMPLE BOARD LAYOUT
4220584/A 05/2019
www.ti.com
X2QFN - 0.4 mm max height
RUC0014A
PLASTIC QUAD FLAT PACK- NO LEAD
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 23X
0.05 MAX
ALL AROUND
SOLDER MASK DETAILS
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
METAL
EXPOSED METAL
SOLDER MASK
OPENING
0.05 MIN
ALL AROUND
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
14X (0.2)
14X (0.6)
(1.6)
(1.8)
(R0.05)
8X (0.4)
2X (0.4)
(1.8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com