Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2990IDDFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2990IDDFR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2990IDDFR Datasheet(HTML) 1 Page - Texas Instruments

  OPA2990IDDFR Datasheet HTML 1Page - Texas Instruments OPA2990IDDFR Datasheet HTML 2Page - Texas Instruments OPA2990IDDFR Datasheet HTML 3Page - Texas Instruments OPA2990IDDFR Datasheet HTML 4Page - Texas Instruments OPA2990IDDFR Datasheet HTML 5Page - Texas Instruments OPA2990IDDFR Datasheet HTML 6Page - Texas Instruments OPA2990IDDFR Datasheet HTML 7Page - Texas Instruments OPA2990IDDFR Datasheet HTML 8Page - Texas Instruments OPA2990IDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
1 Features
• Low offset voltage: ±300 µV
• Low offset voltage drift: ±0.6 µV/°C
• Low noise: 30 nV/√Hz at 1 kHz
• High common-mode rejection: 115 dB
• Low bias current: ±10 pA
• Rail-to-rail input and output
• MUX-friendly/comparator inputs
– Amplifier operates with differential inputs up to
supply rail
– Amplifier can be used in open-loop or as
comparator
• Wide bandwidth: 1.1-MHz GBW
• High slew rate: 4.5 V/µs
• Low quiescent current: 120 µA per amplifier
• Wide supply: ±1.35 V to ±20 V, 2.7 V to 40 V
• Robust EMIRR performance: 78 dB at 1.8 GHz
• Differential and common-mode input voltage range
to supply rail
2 Applications
• Multiplexed data-acquisition systems
• Test and measurement equipment
• Motor drive: power stage and control modules
• Power delivery: UPS, server, and merchant
network power
• ADC driver and reference buffer amplifier
• Programmable logic controllers
• Analog input and output modules
• High-side and low-side current sensing
• High precision comparator
3 Description
The OPAx990 family (OPA990, OPA2990, and
OPA4990) is a family of high voltage (40-V) general
purpose operational amplifiers. These devices offer
excellent DC precision and AC performance, including
rail-to-rail input/output, low offset (±300 µV, typ), and
low offset drift (±0.6 µV/°C, typ).
Unique features such as differential and common-
mode input voltage range to the supply rail, high
short-circuit current (±80 mA), high slew rate (4.5 V/
µs), and shutdown make the OPAx990 an extremely
flexible, robust, and high-performance op amp for
high-voltage industrial applications.
The OPAx990 family of op amps is available in
micro-size packages (such as X2QFN, WSON, and
SOT-553), as well as standard packages (such as
SOT-23, SOIC, and TSSOP), and is specified from
–40°C to 125°C.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
OPA990
SOT-23 (5)
2.90 mm × 1.60 mm
SOT-23 (6)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
SOT-553 (5)(2)
1.60 mm × 1.20 mm
OPA2990
SOIC (8)
4.90 mm × 3.90 mm
SOT-23 (8)
2.90 mm × 1.60 mm
TSSOP (8)
3.00 mm × 4.40 mm
VSSOP (8)(2)
3.00 mm × 3.00 mm
VSSOP (10)
3.00 mm × 3.00 mm
WSON (8)
2.00 mm × 2.00 mm
X2QFN (10)
2.00 mm × 1.50 mm
OPA4990
SOIC (14)
8.65 mm × 3.90 mm
TSSOP (14)
5.00 mm × 4.40 mm
WQFN (16)
3.00 mm × 3.00 mm
X2QFN (14)
2.00 mm × 2.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
This package is preview only.
ADS8860
REF
VINP
VINM
MUX509
+
+
+
Antialiasing
Filter
Gain Network
Gain Network
Gain Network
High-Voltage Level Translation
VCM
High-Voltage Multiplexed Input
Reference Driver
REF3140
RC Filter
OPA375
RC Filter
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current Sensing
Optical Sensor
OPA990
OPA990
OPA990
OPAx990 in a High-Voltage, Multiplexed, Data-Acquisition System
OPA990, OPA2990, OPA4990
SBOS933H – FEBRUARY 2019 – REVISED MAY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA2990IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2990IDDFR TI1-OPA2990IDDFR Datasheet
5Mb / 74P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA2990IDDFR TI1-OPA2990IDDFR Datasheet
5Mb / 76P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA2990IDDFR TI-OPA2990IDDFR Datasheet
5Mb / 76P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA2990IDDFR TI-OPA2990IDDFR Datasheet
5Mb / 83P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
REVISED AUGUST 2021
OPA2990IDDFR TI2-OPA2990IDDFR Datasheet
6Mb / 93P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
REVISED AUGUST 2021
More results

Similar Description - OPA2990IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA990 TI1-OPA990 Datasheet
1Mb / 33P
40-V rail-to-rail input/output, low offset voltage, low power op amp
OPA990 TI1-OPA990_V01 Datasheet
2Mb / 59P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V02 Datasheet
3Mb / 64P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V03 Datasheet
4Mb / 71P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA991 TI1-OPA991_V01 Datasheet
4Mb / 59P
OPAx991 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
OPA990 TI1-OPA990_V04 Datasheet
5Mb / 74P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI1-OPA990_V05 Datasheet
5Mb / 76P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI-OPA990_V06 Datasheet
5Mb / 76P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
OPA990 TI-OPA990_V08 Datasheet
5Mb / 83P
OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
REVISED AUGUST 2021
OPA4990-Q1 TI-OPA4990-Q1 Datasheet
2Mb / 41P
OPAx990-Q1 Automotive 40-V Rail-to-Rail Input or Output, Low Offset Voltage, Low Power Op Amp
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com