Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2990IDDFR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2990IDDFR
Description  OPAx990 40-V Rail-to-Rail Input/Output, Low Offset Voltage, Low Power Op Amp
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2990IDDFR Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA2990IDDFR Datasheet HTML 15Page - Texas Instruments OPA2990IDDFR Datasheet HTML 16Page - Texas Instruments OPA2990IDDFR Datasheet HTML 17Page - Texas Instruments OPA2990IDDFR Datasheet HTML 18Page - Texas Instruments OPA2990IDDFR Datasheet HTML 19Page - Texas Instruments OPA2990IDDFR Datasheet HTML 20Page - Texas Instruments OPA2990IDDFR Datasheet HTML 21Page - Texas Instruments OPA2990IDDFR Datasheet HTML 22Page - Texas Instruments OPA2990IDDFR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 81 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±20 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
88
92
96
100
104
108
112
116
120
124
D015
VS = 40 V
VS = 4 V
f = 0 Hz
Figure 6-19. CMRR vs Temperature (dB)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
135
136
137
138
139
140
141
142
143
144
145
D016
f = 0 Hz
Figure 6-20. PSRR vs Temperature (dB)
Time (1s/Div)
C015
Figure 6-21. 0.1-Hz to 10-Hz Noise
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
110
120
10
100
1k
10k
100k
C017
Figure 6-22. Input Voltage Noise Spectral Density vs Frequency
Frequency (Hz)
-110
-100
-90
-80
-70
-60
-50
-40
100
1k
10k
C012
RL = 10 k:
RL = 2 k:
RL = 600 :
RL = 128 :
BW = 80 kHz, VOUT = 1 VRMS
Figure 6-23. THD+N Ratio vs Frequency
Amplitude (VRMS)
0.001
0.01
0.1
1
10 20
20
-100
-90
-80
-70
-60
-50
-40
-30
C023
RL = 10 k:
RL = 2 k:
RL = 549 :
RL = 128 :
BW = 80 kHz, f = 1 kHz
Figure 6-24. THD+N vs Output Amplitude
www.ti.com
OPA990, OPA2990, OPA4990
SBOS933H – FEBRUARY 2019 – REVISED MAY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: OPA990 OPA2990 OPA4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com