Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5021 Datasheet(PDF) 153 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 153 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 147Page - NXP Semiconductors P5021 Datasheet HTML 148Page - NXP Semiconductors P5021 Datasheet HTML 149Page - NXP Semiconductors P5021 Datasheet HTML 150Page - NXP Semiconductors P5021 Datasheet HTML 151Page - NXP Semiconductors P5021 Datasheet HTML 152Page - NXP Semiconductors P5021 Datasheet HTML 153Page - NXP Semiconductors P5021 Datasheet HTML 154Page - NXP Semiconductors P5021 Datasheet HTML 155Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 153 / 155 page
background image
Security fuse processor
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
153
5
Security fuse processor
This chip implements the QorIQ platform’s Trust Architecture, supporting capabilities such as secure boot. Use of the Trust
Architecture features is dependent on programming fuses in the Security Fuse Processor (SFP). The details of the Trust
Architecture and SFP can be found in the applicable chip reference manual.
To program SFP fuses, the user is required to supply 1.5 V to the POVDD pin per Section 2.2, “Power-up sequencing.” POVDD
should only be powered for the duration of the fuse programming cycle, with a per device limit of two fuse programming cycles.
All other times, connect POVDD to GND. The sequencing requirements for raising and lowering POVDD are shown in Figure 8.
To ensure device reliability, fuse programming must be performed within the recommended fuse programming temperature
range per Table 3.
Users not implementing the QorIQ platform’s Trust Architecture features are not required to program fuses and should connect
POVDD to GND.
6
Ordering information
Please contact your local Freescale sales office or regional marketing team for ordering information.
6.1
Part numbering nomenclature
This table provides the Freescale QorIQ platform part numbering nomenclature.
Table 108. Part Numbering Nomenclature
pn
nn
n
x
t
e
n
c
d
r
Generation Platform
Number
of Cores
Derivative
Qual
Status
Temperature
Range
Encryption
Package
Type
CPU
Speed
DDR
Speed
Die
Revision
P=45 nm
5
• 01 =
1 core
•02 =
2 cores
•04 =
4 cores
0–9
P =
Prototype
N=
Qualified
•S = Std
temp
(0
°C to
105
°C
•X = Ext
temp
(–40
°Cto
105
°C)
•E =
SEC
present
•N =
SEC
not
present
1 =
FC-PBGA
lead-free
7=
FC-PBGA
C4/C5
lead-free
•T =
1800 MHz
•V =
2000 MHz
•2 =
2200 MHz
•M =
1200 MHz
•N =
1333 MHz
•Q =
1600 MHz
A = Rev
1.0
B = Rev
2.0
C = Rev
2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com