Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5021 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 79Page - NXP Semiconductors P5021 Datasheet HTML 80Page - NXP Semiconductors P5021 Datasheet HTML 81Page - NXP Semiconductors P5021 Datasheet HTML 82Page - NXP Semiconductors P5021 Datasheet HTML 83Page - NXP Semiconductors P5021 Datasheet HTML 84Page - NXP Semiconductors P5021 Datasheet HTML 85Page - NXP Semiconductors P5021 Datasheet HTML 86Page - NXP Semiconductors P5021 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
83
2.12.3.3
Ethernet management interface 1 AC timing specifications
This table provides the Ethernet management interface 1 AC timing specifications.
2.12.3.4
Ethernet management interface 2 AC electrical characteristics
This table provides the Ethernet management interface 2 AC timing specifications.
Output low voltage (IOL = 100 μA)
VOL
—0.2
V
—
Output low current (VOL = 0.2 V)
IOL
4—
mA
—
Input capacitance
CIN
—10
pF
—
Table 40. Ethernet management interface 1 AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol1
Min
Typ
Max
Unit
Note
MDC frequency
fMDC
——
2.5
MHz
2
MDC clock pulse width high
tMDCH
160
—
—
ns
—
MDC to MDIO delay
tMDKHDX
(16
× t
plb_clk) – 6
—
(16
× t
plb_clk) + 6
ns
3, 4
MDIO to MDC setup time
tMDDVKH
8—
—
ns
—
MDIO to MDC hold time
tMDDXKH
0—
—
ns
—
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX symbolizes
management data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are invalid (X) or
data hold time. Also, tMDDVKH symbolizes management data timing (MD) with respect to the time data input signals (D)
reaching the valid state (V) relative to the tMDC clock reference (K) going to the high (H) state or setup time. For rise and fall
times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2. This parameter is dependent on the platform clock frequency (MIIMCFG [MgmtClk] field determines the clock frequency of
the MgmtClk Clock EC_MDC).
3. This parameter is dependent on the frame manager clock frequency. The delay is equal to 16 frame manager clock periods
±6 ns. For example, with a frame manager clock of 333 MHz, the min/max delay is 48 ns ± 6 ns. Similarly, if the frame
manager clock is 400 MHz, the min/max delay is 40 ns ± 6 ns.
4. tplb_clk is the frame manager clock period.
Table 41. Ethernet management interface 2 AC timing specifications
For recommended operating conditions, see Table 3.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Note
MDC frequency
fMDC
——
2.5
MHz
2
MDC clock pulse width high
tMDCH
160
—
—
ns
—
MDC to MDIO delay
tMDKHDX
(0.5 ×(1/fMDC)) – 6
—
(0.5 ×(1/fMDC)) + 6
ns
3
MDIO to MDC setup time
tMDDVKH
8—
—
ns
—
Table 39. Ethernet management interface 2 DC electrical characteristics (1.2 V) (continued)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com