Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5021 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 62Page - NXP Semiconductors P5021 Datasheet HTML 63Page - NXP Semiconductors P5021 Datasheet HTML 64Page - NXP Semiconductors P5021 Datasheet HTML 65Page - NXP Semiconductors P5021 Datasheet HTML 66Page - NXP Semiconductors P5021 Datasheet HTML 67Page - NXP Semiconductors P5021 Datasheet HTML 68Page - NXP Semiconductors P5021 Datasheet HTML 69Page - NXP Semiconductors P5021 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
66
This table provides the PLL lock times.
2.8
Power-on ramp rate
This section describes the AC electrical specifications for the power-on ramp rate requirements. Controlling the maximum
Power-On Ramp Rate is required to avoid falsely triggering the ESD circuitry. This table provides the power supply ramp rate
specifications.
2.9
DDR3 and DDR3L SDRAM controller
This section describes the DC and AC electrical specifications for the DDR3 and DDR3L SDRAM controller interface. Note
that the required GVDD(typ) voltage is 1.5 V when interfacing to DDR3 SDRAM and GVDD(typ) voltage is 1.35 V when
interfacing to DDR3L SDRAM.
NOTE
When operating at DDR data rates of 1600 MT/s only one dual-ranked module per memory
controller is supported.
Input hold time for all POR configurations with respect to negation of
PORESET
2
—
SYSCLKs
1
Maximum valid-to-high impedance time for actively driven POR
configurations with respect to negation of PORESET
—
5
SYSCLKs
1
Notes:
1. SYSCLK is the primary clock input for the chip.
2. The device asserts HRESET as an output when PORESET is asserted to initiate the power-on reset process. The device
releases HRESET sometime after PORESET is negated. The exact sequencing of HRESET negation is documented in
Section 4.4.1 “Power-On Reset Sequence,” of the applicable chip reference manual.
3. PORESET must be driven asserted before the core and platform power supplies are powered up , see Section 2.2, “Power-up
sequencing.”
Table 16. PLL lock times
Parameter
Min
Max
Unit
Notes
PLL lock times
—
100
μs—
Table 17. Power supply ramp rate
Parameter
Min
Max
Unit
Notes
Required ramp rate for all voltage supplies (including OVDD/CVDD/
GVDD/BVDD/SVDD/XVDD/LVDD all VDD supplies, MVREF and all AVDD supplies.)
—
36000
V/s
1, 2
Notes:
1. Ramp rate is specified as a linear ramp from 10 to 90%. If non-linear (for example, exponential), the maximum rate of change
from 200 to 500 mV is the most critical as this range might falsely trigger the ESD circuitry.
2. Over full recommended operating temperature range (see Table 3).
Table 15. RESET initialization timing specifications (continued)
Parameter
Min
Max
Unit1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com