Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5021 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 17Page - NXP Semiconductors P5021 Datasheet HTML 18Page - NXP Semiconductors P5021 Datasheet HTML 19Page - NXP Semiconductors P5021 Datasheet HTML 20Page - NXP Semiconductors P5021 Datasheet HTML 21Page - NXP Semiconductors P5021 Datasheet HTML 22Page - NXP Semiconductors P5021 Datasheet HTML 23Page - NXP Semiconductors P5021 Datasheet HTML 24Page - NXP Semiconductors P5021 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 155 page
background image
Pin assignments and reset states
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
21
SDHC_DAT0
Data
AP24
I/O
CVDD
SDHC_DAT1
Data
AT24
I/O
CVDD
SDHC_DAT2
Data
AM23
I/O
CVDD
SDHC_DAT3
Data
AG22
I/O
CVDD
SDHC_DAT4/SPI_CS0
Data
AN29
I/O
CVDD
26, 31
SDHC_DAT5/SPI_CS1
Data
AJ28
I/O
CVDD
26, 31
SDHC_DAT6/SPI_CS2
Data
AR29
I/O
CVDD
26, 31
SDHC_DAT7/SPI_CS3
Data
AM29
I/O
CVDD
26, 31
SDHC_CLK
Host to Card Clock
AL23
O
CVDD
SDHC_CD/IIC3_SCL/GPIO16
Card Detection
AK13
I
OVDD
26,27,31
SDHC_WP/IIC3_SDA/GPIO17
Card Write Protection
AM14
I
OVDD
26,27,31
eSPI
SPI_MOSI
Master Out Slave In
AT29
I/O
CVDD
SPI_MISO
Master In Slave Out
AH28
I
CVDD
SPI_CLK
eSPI clock
AK29
O
CVDD
SPI_CS0/SDHC_DAT4
eSPI chip select
AN29
O
CVDD
26
SPI_CS1/SDHC_DAT5
eSPI chip select
AJ28
O
CVDD
26
SPI_CS2/SDHC_DAT6
eSPI chip select
AR29
O
CVDD
26
SPI_CS3/SDHC_DAT7
eSPI chip select
AM29
O
CVDD
26
IEEE 1588
TSEC_1588_CLK_IN
Clock In
AL35
I
LVDD
TSEC_1588_TRIG_IN1
Trigger In 1
AL36
I
LVDD
TSEC_1588_TRIG_IN2/EC1_RX_ER
Trigger In 2
AK36
I
LVDD
TSEC_1588_ALARM_OUT1
Alarm Out 1
AJ36
O
LVDD
TSEC_1588_ALARM_OUT2/EC1_COL/GPIO30
Alarm Out 2
AK35
O
LVDD
26
TSEC_1588_CLK_OUT
Clock Out
AM30
O
LVDD
TSEC_1588_PULSE_OUT1
Pulse Out1
AL30
O
LVDD
TSEC_1588_PULSE_OUT2/EC1_CRS/GPIO31
Pulse Out2
AJ34
O
LVDD
26
Ethernet Management interface 1
EMI1_MDC
Management Data Clock
AJ33
O
LVDD
EMI1_MDIO
Management Data In/Out
AL32
I/O
LVDD
Ethernet Management interface 2
EMI2_MDC
Management Data Clock
AK30
O
1.2 V
2, 18, 22
Table 1. Pins listed by bus (continued)
Signal
Signal description
Package
pin number
Pin
type
Power
supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com