Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5021 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 72Page - NXP Semiconductors P5021 Datasheet HTML 73Page - NXP Semiconductors P5021 Datasheet HTML 74Page - NXP Semiconductors P5021 Datasheet HTML 75Page - NXP Semiconductors P5021 Datasheet HTML 76Page - NXP Semiconductors P5021 Datasheet HTML 77Page - NXP Semiconductors P5021 Datasheet HTML 78Page - NXP Semiconductors P5021 Datasheet HTML 79Page - NXP Semiconductors P5021 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
76
This figure provides the AC test load for the eSPI.
Figure 13. eSPI AC test load
This figure represents the AC timing from Table 29 in master mode (internal clock). Note that although timing specifications
generally refer to the rising edge of the clock, this figure also applies when the falling edge is the active edge. Also, note that
the clock edge is selectable on eSPI.
Figure 14. eSPI AC timing in master mode (Internal Clock) diagram
2.11
DUART
This section describes the DC and AC electrical specifications for the DUART interface.
2.11.1
DUART DC electrical characteristics
This table provides the DC electrical characteristics for the DUART interface.
Table 30. DUART DC electrical characteristics (OVDD = 3.3 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2—
V
1
Input low voltage
VIL
—0.8
V
1
Output
Z0 = 50 Ω
CVDD/2
RL = 50 Ω
SPICLK (output)
tNIIXKH
tNIKHOV
Input Signals:
SPIMISO1
Output Signals:
SPIMOSI1
tNIIVKH
tNIKHOX
Output Signals:
SPI_CS[0:3]1
tNIKHOV2
tNIKHOX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com