Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5021 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 80Page - NXP Semiconductors P5021 Datasheet HTML 81Page - NXP Semiconductors P5021 Datasheet HTML 82Page - NXP Semiconductors P5021 Datasheet HTML 83Page - NXP Semiconductors P5021 Datasheet HTML 84Page - NXP Semiconductors P5021 Datasheet HTML 85Page - NXP Semiconductors P5021 Datasheet HTML 86Page - NXP Semiconductors P5021 Datasheet HTML 87Page - NXP Semiconductors P5021 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
84
This figure shows the Ethernet management interface timing diagram.
Figure 19. Ethernet management interface timing diagram
2.12.4
eTSEC IEEE Std 1588 timing specifications
This section discusses the electrical characteristics for the eTSEC IEEE Std 1588 interfaces.
2.12.4.1
e
TSEC IEEE Std 1588 DC electrical characteristics
This table shows eTSEC IEEE Std 1588 DC electrical characteristics when operating at LVDD = 3.3 V supply.
MDIO to MDC hold time
tMDDXKH
0—
ns
Note:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX symbolizes
management data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are invalid (X) or
data hold time. Also, tMDDVKH symbolizes management data timing (MD) with respect to the time data input signals (D) reach
the valid state (V) relative to the tMDC clock reference (K) going to the high (H) state or setup time.
2. This parameter is dependent on the frame manager clock frequency (MIIMCFG [MgmtClk] field determines the clock
frequency of the MgmtClk Clock EC_MDC).
3. This parameter is dependent on the management data clock frequency, fMDC. The delay is equal to 0.5 management data
clock period ±6 ns. For example, with a management data clock of 2.5 MHz, the min/max delay is 200 ns ± 6 ns.
Table 42. eTSEC IEEE 1588 DC electrical characteristics (LVDD = 3.3 V)
For recommended operating conditions, see Table 3.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2.0
V
2
Input low voltage
VIL
—0.9
V
2
Input high current (LVDD = Max, VIN = 2.1 V)
IIH
—40
μA1
Table 41. Ethernet management interface 2 AC timing specifications (continued)
For recommended operating conditions, see Table 3.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Note
MDC
tMDDXKH
tMDC
tMDCH
tMDCR
tMDCF
tMDDVKH
tMDKHDX
MDIO
MDIO
(Input)
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com