| Electronic Components Datasheet Search |
|
P5021 Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P5021 Datasheet(HTML) 25 Page - NXP Semiconductors |
|
25 / 155 page ![]() Pin assignments and reset states P5021 QorIQ Integrated Processor Data Sheet, Rev. 1 Freescale Semiconductor 25 SD_TX01 Transmit Data (negative) E29 O XVDD — SD_TX00 Transmit Data (negative) G28 O XVDD — SD_RX19 Receive Data (positive) AF27 I XVDD — SD_RX18 Receive Data (positive) AD29 I XVDD — SD_RX17 Receive Data (positive) AG36 I XVDD — SD_RX16 Receive Data (positive) AF34 I XVDD — SD_RX15 Receive Data (positive) AC36 I XVDD — SD_RX14 Receive Data (positive) AA36 I XVDD — SD_RX13 Receive Data (positive) Y34 I XVDD — SD_RX12 Receive Data (positive) W36 I XVDD — SD_RX11 Receive Data (positive) T34 I XVDD — SD_RX10 Receive Data (positive) P36 I XVDD — SD_RX09 Receive Data (positive) M36 I XVDD — SD_RX08 Receive Data (positive) L34 I XVDD — SD_RX07 Receive Data (positive) K36 I XVDD — SD_RX06 Receive Data (positive) H36 I XVDD — SD_RX05 Receive Data (positive) F36 I XVDD — SD_RX04 Receive Data (positive) D36 I XVDD — SD_RX03 Receive Data (positive) A31 I XVDD — SD_RX02 Receive Data (positive) C30 I XVDD — SD_RX01 Receive Data (positive) A29 I XVDD — SD_RX00 Receive Data (positive) C28 I XVDD — SD_RX19 Receive Data (negative) AF28 I XVDD — SD_RX18 Receive Data (negative) AE29 I XVDD — SD_RX17 Receive Data (negative) AG35 I XVDD — SD_RX16 Receive Data (negative) AF33 I XVDD — SD_RX15 Receive Data (negative) AC35 I XVDD — SD_RX14 Receive Data (negative) AA35 I XVDD — SD_RX13 Receive Data (negative) Y33 I XVDD — SD_RX12 Receive Data (negative) W35 I XVDD — SD_RX11 Receive Data (negative) T33 I XVDD — SD_RX10 Receive Data (negative) P35 I XVDD — SD_RX09 Receive Data (negative) M35 I XVDD — SD_RX08 Receive Data (negative) L33 I XVDD — Table 1. Pins listed by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |