Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5021 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 89Page - NXP Semiconductors P5021 Datasheet HTML 90Page - NXP Semiconductors P5021 Datasheet HTML 91Page - NXP Semiconductors P5021 Datasheet HTML 92Page - NXP Semiconductors P5021 Datasheet HTML 93Page - NXP Semiconductors P5021 Datasheet HTML 94Page - NXP Semiconductors P5021 Datasheet HTML 95Page - NXP Semiconductors P5021 Datasheet HTML 96Page - NXP Semiconductors P5021 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
93
2.15.2
eSDHC AC timing specifications
This table provides the eSDHC AC timing specifications as defined in Figure 26 and Figure 27.
Output low voltage
VOL
IOL = 100μA at
CVDD min
—0.125
× CV
DD
V—
Output high voltage
VOH
IOH = –100 μA at
CVDD min
CVDD –0.2
—
V
2
Output low voltage
VOL
IOL = 2 mA at
CVDD min
—0.3
V
2
Notes:
1. The min VILand max VIH values are based on the respective min and max CVIN values found in Table 3.
2. Open drain mode for MMC cards only.
Table 51. eSDHC AC timing specifications
For recommended operating conditions, see Table 3.
Parameter
Symbol1
Min
Max
Unit
Notes
SD_CLK clock frequency:
SD Full speed/high speed mode
MMC Full speed/high speed mode
fSHSCK
0
25/50
20/52
MHz
2, 4
SD_CLK clock low time—Full-speed/High-speed mode
tSHSCKL
10/7
—
ns
4
SD_CLK clock high time—Full-speed/High-speed mode
tSHSCKH
10/7
—
ns
4
SD_CLK clock rise and fall times
tSHSCKR/
tSHSCKF
—3
ns
4
Input setup times: SD_CMD, SD_DATx, SD_CD to SD_CLK
tSHSIVKH
5
—
ns
3, 4, 5
Input hold times: SD_CMD, SD_DATx, SD_CD to SD_CLK
tSHSIXKH
2.5
—
ns
4, 5
Output delay time: SD_CLK to SD_CMD, SD_DATx valid
tSHSKHOV
–3
3
ns
4, 5
Notes:
1. The symbols used for timing specifications herein follow the pattern of t(first three letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first three letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tFHSKHOV symbolizes eSDHC
high-speed mode device timing (SHS) clock reference (K) going to the high (H) state, with respect to the output (O) reaching
the invalid state (X) or output hold time. Note that in general, the clock reference symbol is based on five letters representing
the clock of a particular functional. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F
(fall).
2. In full-speed mode, the clock frequency value can be 0–25 MHz for an SD card and 0–20 MHz for an MMC card. In high-speed
mode, the clock frequency value can be 0–50 MHz for an SD card and 0–52 MHz for an MMC card.
3. To satisfy setup timing, one way board routing delay between Host and Card, on SD_CLK, SD_CMD and SD_DATx should not
exceed 1 ns. For any high speed or default speed mode SD card, the oneway routing delay between Host and Card on
SD_CLK, SD_CMD and SD_DATx should not exceed 1.5 ns.
4. CCARD ≤ 10 pF, (1 card), and CL = CBUS + CHOST +CCARD ≤ 40 pF
5. The parameter values apply to both full speed and high speed modes.
Table 50. eSDHC interface DC electrical characteristics (continued)
For recommended operating conditions, see Table 3.
Characteristic
Symbol
Condition
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com