Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5021 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 54Page - NXP Semiconductors P5021 Datasheet HTML 55Page - NXP Semiconductors P5021 Datasheet HTML 56Page - NXP Semiconductors P5021 Datasheet HTML 57Page - NXP Semiconductors P5021 Datasheet HTML 58Page - NXP Semiconductors P5021 Datasheet HTML 59Page - NXP Semiconductors P5021 Datasheet HTML 60Page - NXP Semiconductors P5021 Datasheet HTML 61Page - NXP Semiconductors P5021 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 155 page
background image
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
58
2.1.3
Output driver characteristics
This table provides information about the characteristics of the output driver strengths. The values are preliminary estimates.
2.2
Power-up sequencing
The chip requires that its power rails be applied in a specific sequence in order to ensure proper device operation. These
requirements are as follows for power up:
1. Bring up OVDD, LVDD, BVDD, CVDD, and USB_VDD_3P3. Drive POVDD = GND.
— PORESET input must be driven asserted and held during this step
— IO_VSEL inputs must be driven during this step and held stable during normal operation.
—USB_VDD_3P3 rise time (10% to 90%) has a minimum of 350 μs.
2. Bring up VDD_PL, VDD_CA, SVDD, AVDD (cores, platform, DDR, SerDes) and USB_VDD_1P0. VDD_PL and
USB_VDD_1P0 must be ramped up simultaneously.
3. Bring up GVDD and XVDD.
4. Negate PORESET input as long as the required assertion/hold time has been met per Table 15.
5. For secure boot fuse programming: After negation of PORESET, drive POVDD = 1.5 V after a required minimum
delay per Table 5. After fuse programming is completed, it is required to return POVDD = GND before the system is
power cycled (PORESET assertion) or powered down (VDD_PL ramp down) per the required timing specified in
Table 5. See Section 5, “Security fuse processor,” for additional details.
WARNING
Only two secure boot fuse programming events are permitted per lifetime of a device.
No activity other than that required for secure boot fuse programming is permitted while
POVDD driven to any voltage above GND, including the reading of the fuse block. The
reading of the fuse block may only occur while POVDD = GND.
Table 4. Output drive capability
Driver type
Output impedance (
Ω)
(Nominal) supply
voltage
Notes
Local bus interface utilities signals
45
45
45
BVDD = 3.3 V
BVDD = 2.5 V
BVDD = 1.8 V
—
DDR3 signal
20 (full-strength mode)
40 (half-strength mode)
GVDD = 1.5 V
1
DDR3L signal
20 (full-strength mode)
40 (half-strength mode)
GVDD = 1.35 V
1
eTSEC/10/100 signals
45
45
LVDD = 3.3 V
LVDD = 2.5 V
—
DUART, system control, JTAG
45
OVDD = 3.3 V
—
I2C45
OVDD = 3.3 V
—
eSPI and SD/MMC
45
45
45
CVDD = 3.3 V
CVDD = 2.5 V
CVDD = 1.8 V
—
Note:
1. The drive strength of the DDR3 or DDR3L interface in half-strength mode is at Tj = 105 °C and at GVDD (min).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com