Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5021 Datasheet(PDF) 105 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 101Page - NXP Semiconductors P5021 Datasheet HTML 102Page - NXP Semiconductors P5021 Datasheet HTML 103Page - NXP Semiconductors P5021 Datasheet HTML 104Page - NXP Semiconductors P5021 Datasheet HTML 105Page - NXP Semiconductors P5021 Datasheet HTML 106Page - NXP Semiconductors P5021 Datasheet HTML 107Page - NXP Semiconductors P5021 Datasheet HTML 108Page - NXP Semiconductors P5021 Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 155 page
background image
Electrical characteristics
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
105
— For an external AC-coupled connection, there is no common mode voltage requirement for the clock driver.
Because the external AC-coupling capacitor blocks the DC level, the clock driver and the SerDes reference clock
receiver operate in different common mode voltages. The SerDes reference clock receiver in this connection
scheme has its common mode voltage set to SGND. Each signal wire of the differential inputs is allowed to swing
below and above the common mode voltage (SGND). Figure 38 shows the SerDes reference clock input
requirement for AC-coupled connection scheme.
Figure 38. Differential reference clock input DC requirements (external AC-coupled)
•
Single-Ended Mode
— The reference clock can also be single-ended. The SD_REF_CLKn input amplitude (single-ended swing) must be
between 400 mV and 800 mV peak-peak (from VMIN to VMAX) with SD_REF_CLKn either left unconnected or
tied to ground.
— The SD_REF_CLKn input average voltage must be between 200 and 400 mV. Figure 39 shows the SerDes
reference clock input requirement for single-ended signaling mode.
— To meet the input amplitude requirement, the reference clock inputs may need to be DC- or AC-coupled
externally. For the best noise performance, the reference of the clock could be DC- or AC-coupled into the unused
phase (SD_REF_CLKn) through the same source impedance as the clock input (SD_REF_CLKn) in use.
Figure 39. Single-ended reference clock input DC requirements
SD_REF_CLKn
SD_REF_CLKn
Vcm
200 mV < Input Amplitude or Differential Peak < 800 mV
Vmax
< Vcm + 400 mV
Vmin
> Vcm – 400 mV
SD_REF_CLKn
SD_REF_CLKn
400 mV
< SD_REF_CLKn Input Amplitude < 800 mV
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com