Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5021 Datasheet(PDF) 135 Page - NXP Semiconductors

Part # P5021
Description  P5021 QorIQ Integrated Processor Data Sheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5021 Datasheet(HTML) 135 Page - NXP Semiconductors

Back Button P5021 Datasheet HTML 131Page - NXP Semiconductors P5021 Datasheet HTML 132Page - NXP Semiconductors P5021 Datasheet HTML 133Page - NXP Semiconductors P5021 Datasheet HTML 134Page - NXP Semiconductors P5021 Datasheet HTML 135Page - NXP Semiconductors P5021 Datasheet HTML 136Page - NXP Semiconductors P5021 Datasheet HTML 137Page - NXP Semiconductors P5021 Datasheet HTML 138Page - NXP Semiconductors P5021 Datasheet HTML 139Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 155 page
background image
Hardware design considerations
P5021 QorIQ Integrated Processor Data Sheet, Rev. 1
Freescale Semiconductor
135
Note that “PCI Express link width” in the above equation refers to the negotiated link width as the result of PCI Express link
training, which may or may not be the same as the link width POR selection.
3.1.7
SerDes PLL ratio
The clock ratio between each of the four SerDes PLLs and their respective externally supplied
SD_REF_CLKn/SD_REF_CLKn inputs is determined by the binary value of the RCW Configuration field SRDS_RATIO_Bn
as shown in this table. Furthermore, each SerDes lane grouping can be run at a SerDes PLL frequency divider determined by
the binary value of the RCW field SRDS_DIV_Bn as shown in Table 103 and Table 104.
This table lists the supported SerDes PLL Bank n to SD_REF_CLKn ratios.
This table shows the PLL divider support for each pair of lanes on SerDes Bank 1.
This table shows the PLL dividers supported for each 4 lane group for SerDes Banks 2, 3, and 4.
Table 102. SerDes PLL bank n to SD_REF_CLKn ratios
Binary value of
SRDS_RATIO_Bn
SRDS_PLL_n:SD_REF_CLKn ratio
n = 1 (bank 1) n = 2 (bank 2) n = 3 (bank 3) n = 4(bank 4)
001
Reserved
20:1
20:1
Reserved
010
25:1
25:1
25:1
Reserved
011
40:1
40:1
40:1
Reserved
100
50:1
50:1
50:1
Reserved
101
Reserved
Reserved
24:1
24:1
110
Reserved
Reserved
30:1
30:1
All Others
Reserved
Reserved
Reserved
Reserved
Table 103. SerDes bank 1 PLL dividers
Binary value of SRDS_DIV_B1[0:4] SerDes bank 1 PLL divider
0b0
Divide by 1 off Bank 1 PLL
0b1
Divide by 2 off Bank 1 PLL
Note:
1. 1 bit (of 5 total SRDS_DIV_B1 bits) controls each pair of lanes,
where the first bit controls configuration of lanes A/B (or 0/1) and
the last bit controls configuration of lanes I/J (or 8/9).
Table 104. SerDes banks 2, 3, and 4 PLL dividers
Binary value of SRDS_DIV_Bn SerDes Bank n PLL divider
0b0
Divide by 1 off Bank n PLL
0b1
Divide by 2 off Bank n PLL
Notes:
1. One bit controls all 4 lanes of each bank.
2. n = 2 or 3 (SerDes bank 2 or bank 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com