Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4295 Datasheet(PDF) 33 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 33 Page - Analog Devices

Back Button LT4295 Datasheet HTML 29Page - Analog Devices LT4295 Datasheet HTML 30Page - Analog Devices LT4295 Datasheet HTML 31Page - Analog Devices LT4295 Datasheet HTML 32Page - Analog Devices LT4295 Datasheet HTML 33Page - Analog Devices LT4295 Datasheet HTML 34Page - Analog Devices LT4295 Datasheet HTML 35Page - Analog Devices LT4295 Datasheet HTML 36Page - Analog Devices LT4295 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
33
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
As the surge dissipates, the LTC9102/LTC9103 quickly
turns the MOSFET back on in a safe, current limited
manner while minimizing power disruption to the PD.
The LTC9102/LTC9103 fast MOSFET turn off and power
recovery better support both IEEE compliant PDs and PDs
with lower bulk capacitance in high reliability applications.
Port Fault vs Channel Fault
The tCUT, tLIM and tDIS timers are maintained on a per-
channel basis. When any channel timer expires, a deter-
mination is made to remove power from both, one, or
neither channel of the port.
Optional behavior is allowed by the 802.3bt standard
when faults occur on single-signature PDs. This option
allows a single-signature PD to remain powered on pair-
set X, even if a fault occurs on pairset Y. The fault2Pn bit,
when set, enables this optional behavior. This behavior is
not recommended for normal operation, as a fault in the
PD or cabling is indicative of imminent PD or cable failure.
In 2-pair mode fault2Pn has no effect.
Table 13. Channel Fault Effect on Port/Channel State
PD CON-
FIGURATION
fault2Pn
BIT
FAULT RESULT:
TURN OFF PORT OR CHANNEL
tCUT**
tLIM
tDIS
Single
0
Port
Port
Port*
1
Channel
Channel
Dual
x
Channel
Channel
Channel
*If tDIS Expires on Both Channels
**Port power policing (PCUT-4P) raises a tCUT event. When enabled, port
power policing removes power from the port regardless of
fault2Pn
configuration.
Fault Telemetry
As discussed in the preceding sections, faults may occur
on one or both channels, resulting in power removal on
one or both channels. The fault event registers have tra-
ditionally been implemented at the port level. In order
to trace faults to the offending channel, a second layer
of fault registers have been added to the LTC9101-1/
The IHOLD-2P threshold is set automatically in auto mode
and is set by the user in semi-auto and manual modes.
When powering a single-signature PD assigned Class 0 to
Class 4 over a single channel, set the IHOLD-2P threshold
to 7.5mA (typ) via the Disconnect Configuration bit. In all
other cases, set the IHOLD-2P threshold to 3.5mA (typ).
A disconnect timer (tDIS) counts up whenever channel
current is below the IHOLD-2P threshold, indicating that the
PD has been disconnected. If the appropriate tDIS timer(s)
expire, the port or channel (Table 13) will be turned off
and the corresponding tDIS faults are set. If the current
increases above IHOLD-2P before the tDIS timer expires, the
timer(s) reset. As long as the PD exceeds the minimum
current level before tDIS expires, it will remain powered.
Although not recommended, the DC disconnect fea-
ture can be disabled by clearing the corresponding DC
Disconnect Enable bits. Disabling the DC disconnect
feature forces the LTC9101-1/LTC9102/LTC9103 out of
compliance with the IEEE standard. A powered port will
stay powered after the PD is removed; the still-powered
port may be subsequently connected to a non-PoE data
device, potentially causing damage.
The LTC9101-1/LTC9102/LTC9103 does not include AC
disconnect circuitry. AC disconnect is not a supported
feature of 802.3bt.
Fast Surge Recovery
High reliability systems demand excellent surge recov-
ery. It is increasingly important for a PSE to minimize
power disruption to the PDs during extreme power tran-
sients. Furthermore, PDs that do not meet minimum bulk
capacitance requirements are particularly vulnerable to
power brownouts with traditional PSE solutions. The
LTC9101-1/LTC9102/LTC9103 provides an improved
hot swap responsiveness with excellent recovery from
surge events.
During a surge event, the LTC9102/LTC9103 GATE pin
quickly turns off the external MOSFET current flow to
protect the PSE, the MOSFET, and downstream circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com