Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4295 Datasheet(PDF) 15 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT4295 Datasheet HTML 11Page - Analog Devices LT4295 Datasheet HTML 12Page - Analog Devices LT4295 Datasheet HTML 13Page - Analog Devices LT4295 Datasheet HTML 14Page - Analog Devices LT4295 Datasheet HTML 15Page - Analog Devices LT4295 Datasheet HTML 16Page - Analog Devices LT4295 Datasheet HTML 17Page - Analog Devices LT4295 Datasheet HTML 18Page - Analog Devices LT4295 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
15
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
AUTO (Pin 20): Auto Mode Input, Active High. Auto mode
allows the LTC9101-1 to detect, classify, and power up
valid PDs without host interaction. AUTO determines the
state of the internal registers when the LTC9101-1 is
reset or comes out of UVLO (see LTC9101-1 Software
Programming documentation). See Auto Mode Maximum
PSE Power for details. The state of these register bits can
subsequently be changed via the I2C interface. Internally
pulled down to DGND. The AUTO pin is ignored when
a custom configuration package is present. See Stored
Configurations for details.
MSD (Pin 21): Maskable Shutdown Input, Active Low.
When pulled low, all ports that have their corresponding
mask bit set in the mconf register (0x17) will be reset.
Internal filtering of MSD prevents glitches less than 1µs
wide from resetting ports. The MSD Pin Mode register
can configure MSD polarity. Internally pulled up to VDD.
DGND (Pins 22, 25): Digital Ground. DGND should be
connected to the return from the VDD supply.
LTC9102/LTC9103 COMMON
CAP3 (Pin 1): Analog Internal 3.3V Power Supply Bypass
Capacitor. Connect a 1μF ceramic cap to VEE. A 3.3V power
supply may be connected to this pin to improve power
supply efficiency. The EXT3 pin must be pulled to CAP3
to shut off the internal 3.3V regulator if power is supplied
externally. Do not source or sink current from this pin. Do
not connect to CAP3 except as explicitly instructed in ADI
documentation (e.g., strapping LTC9102/LTC9103 pins
and terminating the serial interface).
EXT3 (Pin 2): External 3.3V Enable. Connect the EXT3
pin to CAP3 to shut off the internal 3.3V regulator when
power is supplied externally. Float or connect to VEE for
internal regulator operation.
ID[1:0] (Pins 52, 51 respectively): Transceiver ID. Sets
the address of the LTC9102/LTC9103 on the multidrop
high-speed data interface. ID numbering must start at
00b. Tie high by connecting to CAP3. Tie low by connect-
ing to VEE. See Device Configuration section for details.
PWRIN (Pin 55): Startup Regulator Bypass and External
Low Voltage Supply Input. Power for the internal 4.3V
and 3.3V internal supplies. An internal regulator maintains
the voltage of this pin above 6V. An external resistor or
supply may be connected to this node to improve the
power efficiency of the LTC9102/LTC9103. Connect a 1µF
capacitor between this pin and VEE.
AGND (Pin 56): Analog Ground.
PWRMD[1:0] (Pins 57, 58 Respectively): Maximum
Power Mode Input. Connect PWRMD0 of the LTC9102/
LTC9103 with ID[1:0] = 00b to VEE with configuration
resistor RPWRMD. When the LTC9101-1 is reset with AUTO
pin high, RPWRMD selects initial maximum power alloca-
tion values for every port in the chipset; the system power
supply must be sized to support all ports outputting up to
RPWRMD. When auto mode is enabled, the chipset runs
independently as a PoE PSE. The chipset will detect and
class all ports and grant power to each port up to RPWRMD
setting. The PWRMD0 pin of LTC9102/LTC9103s with ID
pins set to 01b, 10b, and 11b must be left floating. The
PWRMD1 pin of all LTC9102/LTC9103s must be left float-
ing. See Auto Mode Maximum PSE Power for RPWRMD
options and details. The PWRMD pins are ignored when
a custom configuration package is present. See Stored
Configurations for details.
CAP4 (Pin 59): Analog Internal 4.3V Power Supply
Bypass Capacitor. Connect a 1μF ceramic cap to VEE. Do
not source or sink current from this pin.
VEE (Pins 60, 65): Main PoE Supply Input. Connect to a
–51V to –57V supply, relative to AGND. Voltage depends
on PSE Type (Type 3 or 4).
DNA (Pin 61): Data Transceiver Negative Input Output
(Analog). Connect to DND through a data transformer.
DPA (Pin 62): Data Transceiver Positive Input Output
(Analog). Connect to DPD through a data transformer.
CNA (Pin 63): Clock Transceiver Negative Input Output
(Analog). Connect to CND through a data transformer.
CPA (Pin 64): Clock Transceiver Positive Input Output
(Analog). Connect to CPD through a data transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com