Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4295 Datasheet(PDF) 25 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 25 Page - Analog Devices

Back Button LT4295 Datasheet HTML 21Page - Analog Devices LT4295 Datasheet HTML 22Page - Analog Devices LT4295 Datasheet HTML 23Page - Analog Devices LT4295 Datasheet HTML 24Page - Analog Devices LT4295 Datasheet HTML 25Page - Analog Devices LT4295 Datasheet HTML 26Page - Analog Devices LT4295 Datasheet HTML 27Page - Analog Devices LT4295 Datasheet HTML 28Page - Analog Devices LT4295 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
25
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Multipoint Detection
The LTC9101-1/LTC9102/LTC9103 uses a multipoint
method to detect PDs. False-positive detections are min-
imized by checking for signature resistance with both
forced current and forced voltage measurements.
Initially, two test currents are forced onto the channel (via
the OUTn pin) and the resulting voltages are measured.
The detection circuitry subtracts the two V-I points to
determine the resistive slope while removing offset caused
by series diodes or leakage at the port (see Figure 14). If
the forced current detection yields a valid signature resis-
tance, two test voltages are then forced onto the channel
and the resulting currents are measured and subtracted.
Both methods must report valid resistances to report a
valid detection. PD signature resistances between 17k
and 29k (typically) are detected as valid and reported as
Detect Good in the corresponding Port Status register or
Channel Status register, as appropriate. Values outside
this range, including open and short circuits, are also
reported. If the channel measures less than 1V during
any forced current test, the detection cycle will abort and
Short Circuit will be reported. Table 8 and Table 9 show
the possible detection results.
Detection is enabled in both 2-pair and 4-pair modes.
Detection is always performed on a per-channel basis.
Figure 14.
FIRST
DETECTION
POINT
SECOND
DETECTION
POINT
VALID PD
25k SLOPE
240
160
0V–2V
OFFSET
VOLTAGE
9101123 F14
PD Detection
Table 8. Port Detection Status
MEASURED PD SIGNATURE
(TYPICAL)
PORT DETECTION RESULT
Incomplete or Not Yet Tested
Detect Status Unknown
VPD < 1V
Short Circuit
RPD < 17k
RSIG Too Low
17k < RPD < 29k
Detect Good, Single-Signature PD
RPD > 29k
RSIG Too High
RPD > 50k
Open Circuit
VPD > 10V
Port Voltage Outside Detect Range
Connection Check = INVALID
Connection Check Invalid
Connection Check = DUAL or
Channel Detection Results Differ
Refer to Channel Detect Results
Table 9. Channel Detection Status
MEASURED PD SIGNATURE
(TYPICAL)
CHANNEL DETECTION RESULT
Incomplete or Not Yet Tested
Detect Status Unknown
VPD < 1V
Short Circuit
CPD > 2.7μF
CPD Too High
RPD < 17k
RSIG Too Low
17k < RPD < 29k
Detect Good, Dual-Signature PD
RPD > 29k
RSIG Too High
RPD > 50k
Open Circuit
VPD > 10V
Channel Voltage Outside Detect Range
Connection Check = INVALID
Connection Check Invalid
Connection Check = SINGLE or
Channel Detection Results Match
Refer to Port Detect Result
More on Operating Modes
The port’s operating mode determines when the
LTC9101-1/LTC9102/LTC9103 runs a detection cycle. In
manual mode, the port will idle until the host orders a
detect cycle. It will then run detection, report the result,
and return to idle to wait for another command.
In semi-auto mode the LTC9101-1/LTC9102/LTC9103
autonomously polls a port for PDs, but it will not apply
power until commanded to do so by the host. The
Detection/Classification Status registers are updated at
the end of each detection/classification cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com