Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4295 Datasheet(PDF) 41 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 41 Page - Analog Devices

Back Button LT4295 Datasheet HTML 37Page - Analog Devices LT4295 Datasheet HTML 38Page - Analog Devices LT4295 Datasheet HTML 39Page - Analog Devices LT4295 Datasheet HTML 40Page - Analog Devices LT4295 Datasheet HTML 41Page - Analog Devices LT4295 Datasheet HTML 42Page - Analog Devices LT4295 Datasheet HTML 43Page - Analog Devices LT4295 Datasheet HTML 44Page - Analog Devices LT4295 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
41
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Surge Protection
Ethernet ports can be subject to significant cable surge
events. To keep PoE voltages below a safe level and protect
the application against damage, protection components,
as shown in Figure 30, are required at the main supply,
at the LTC9102/LTC9103 supply pins, and at each port.
Bulk transient voltage suppression (TVSBULK) and bulk
capacitance (CBULK) are required across the main PoE
supply and should be sized to accommodate system level
surge requirements.
Across each LTC9102/LTC9103 AGND pin and VEE pin is a
SMAJ58A 58V TVS (D1) and a 1µF, 100V bypass capaci-
tor (C1). These components must be placed close to the
LTC9102/LTC9103 pins.
Each port requires an S1B clamp diode from OUTn to
supply AGND. This diode steers harmful surges into the
supply rails where they are absorbed by the surge sup-
pressors and the VEE bypass capacitance. The layout of
these paths must be low impedance.
Sense Resistors
The LTC9101-1/LTC9102/LTC9103 is designed for a low
0.1Ω current sense resistance per channel, laid out as
shown in the Layout Requirements section, Figure 31. In
order to meet the IHOLD-2P, ICUT-2P, and ILIM-2P accuracy
required by the IEEE specification, the sense resistors
should have ±1% tolerance or better, and no more than
±200ppm/°C temperature coefficient.
Port Output Cap
Each port requires a 0.1μF cap across OUTn to AGND (see
Figure 30) to keep the LTC9102/LTC9103 stable while in
current limit during startup or overload. Common ceramic
capacitors often have significant voltage coefficients; this
means the capacitance is reduced as the applied voltage
increases. To minimize this problem, X7R ceramic capaci-
tors rated for at least 100V are recommended and must
be located close to the LTC9102/LTC9103.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com