Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4295 Datasheet(PDF) 10 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT4295 Datasheet HTML 6Page - Analog Devices LT4295 Datasheet HTML 7Page - Analog Devices LT4295 Datasheet HTML 8Page - Analog Devices LT4295 Datasheet HTML 9Page - Analog Devices LT4295 Datasheet HTML 10Page - Analog Devices LT4295 Datasheet HTML 11Page - Analog Devices LT4295 Datasheet HTML 12Page - Analog Devices LT4295 Datasheet HTML 13Page - Analog Devices LT4295 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
10
Rev. 0
For more information www.analog.com
VEE Readback
VEE Readback vs Temperature
VEE Supply Current vs Voltage and
Temperature
N = 364
µ = 54.998
σ = 0.058
AGND – VEE = 55V
10.01mV/LSB
READBACK (V)
54.7
54.8
54.9
55.0
55.1
55.2
55.3
0
5
10
15
20
25
30
9101123 G16
AGND – VEE = 55V
10.01mV/LSB
TA (°C)
–40 –20
0
20
40
60
80
100
54.5
54.6
54.7
54.8
54.9
55.0
55.1
55.2
9101123 G17
ALL PORTS ON
CLASS 8 LIMITS
EXT3 TIED TO VEE
PWRIN FLOATED
85°C
25°C
–40°C
AGND – VEE (V)
30
35
40
45
50
55
60
10
11
12
13
14
15
16
9101123 G18
TYPICAL PERFORMANCE CHARACTERISTICS
CLOCK and DATA READ
EYE DIAGRAM
CLOCK and DATA WRITE
EYE DIAGRAM
LTC9102/LTC9103 CP/CN and
DP/DN Common Mode
Correction Current
Port Power Readback vs
Temperature
Powering Up into 180μF
Short Circuit Recovery
(RSENSE = 0.1Ω unless otherwise specified.)
AGND – VEE = 55V
SENSEn – VSSKn = 100mV
POWERn = 55W
TA (°C)
–40 –20
0
20
40
60
80
100
54.5
54.6
54.7
54.8
54.9
55.0
55.1
55.2
55.3
55.4
55.5
9101123 G19
VEE
FOLDBACK
CURRENT
LIMIT
LOAD FULLY CHARGED
MOSFET ON
5ms/DIV
OUT1A
20V/DIV
GATE1A
10V/DIV
CHANNEL
CURRENT
200mA/DIV
9101123 G20
SHORT-CIRCUIT
FAULT APPLIED
FAST PULL-DOWN
FAULT
REMOVED
QUICK CURRENT LIMIT RECOVERY
VEE = –55V
LIMn = E9h
50µs/DIV
GATE
10V/DIV
OUT
50V/DIV
OUT
CURRENT
5A/DIV
9101123 G21
N = 337
CP – CN
DP – DN
10ns/DIV
200mV/
DIV
9101123 G22
N = 570
CP – CN
DP – DN
10ns/DIV
200mV/
DIV
9101123 G23
VCM (V)
0
0.5
1
1.5
2
2.5
3
3.5
–4
–3
–2
–1
0
1
2
3
4
9101123 G24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com