Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4295 Datasheet(PDF) 44 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 44 Page - Analog Devices

Back Button LT4295 Datasheet HTML 40Page - Analog Devices LT4295 Datasheet HTML 41Page - Analog Devices LT4295 Datasheet HTML 42Page - Analog Devices LT4295 Datasheet HTML 43Page - Analog Devices LT4295 Datasheet HTML 44Page - Analog Devices LT4295 Datasheet HTML 45Page - Analog Devices LT4295 Datasheet HTML 46Page - Analog Devices LT4295 Datasheet HTML 47Page - Analog Devices LT4295 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
44
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
9101123 F30
AGND
VEE
SENSEn
VSSKn
GATEn
OUTn
OUTn
TO
PORT
S1B
C1
1µF
100V
LTC9102/LTC9103
D1
SMAJ58A
+
CBULK
TVSBULK
VEE
Cn
0.1µF
X7R
100V
Qn
RSENSEn
AGND
Figure 30. LTC9102/LTC9103 Surge Protection
Table 16. Component Selection for PSE Maximum Class
PSE CLASS
SENSE RESISTOR
HOT SWAP MOSFET
FUSE
ETHERNET TRANSFORMER
Class 3
100mΩ, 1%, 50mW
PSMN075-100MSE
SF-0603HI075F-2
7490220120
Class 4
100mΩ, 1%, 100mW
PSMN075-100MSE
SF-0603HI100F-2
7490220121
Class 6
100mΩ, 1%, 100mW
PSMN040-100MSE
SF-0603HI100F-2
7490220121
Class 8
100mΩ, 1%, 200mW
PSMN040-100MSE
SF-0603HI150F-2
7490220122
TO FET(Qn)
VEE
RSENSEn
SENSEn
VSSKn
9101123 F31
Figure 31. RSENSE Kelvin Connections
The data-lines require impedance matched traces to each
LTC9102/LTC9103. The data bus termination resistors must
be located at the LTC9102/LTC9103 farthest away from the
isolation transformers. For isolated applications, the DC
biasing resistors must connect to the LTC9102/LTC9103
CAP3 pin, farthest away from the isolation transformers. As
shown in Figure 28 and Figure 29, design the interface with
100Ω differential transmission lines, and terminate 100Ωs
differentially. Limit the high-speed data interface line length
to 16 inches. Minimize the transmission stubs between the
LTC9102s/LTC9103s and the high-speed data interface.
LAYOUT REQUIREMENTS
Strict adherence to board layout, parts placement and
routing requirements is critical for IEEE compliance, para-
metric measurement accuracy, system robustness and
thermal dissipation. Refer to the DC3160A-KIT demo kit
for example layout references.
Kelvin Sense
Proper connection of the port current Kelvin sense lines is
important for current threshold accuracy and IEEE compli-
ance. Refer to Figure 31 for an example layout of these Kelvin
sense lines. The LTC9102/LTC9103 VSSKn pin is Kelvin con-
nected to the sense resistor (VEE side) pad and is not other-
wise connected to VEE copper areas. Similarly, the LTC9102/
LTC9103 SENSEn pin is Kelvin connected to the sense resis-
tor (SENSEn side) pad and is not otherwise connected in the
power path. Figure 31 shows the two Kelvin traces from the
LTC9102/LTC9103 to the sense resistor (RSENSEn).
High-Speed Data Interface
The LTC9101-1/LTC9102/LTC9103 chipset communi-
cates across a proprietary high-speed, multi-drop data
interface. This allows for a single LTC9101-1 to control
up to four LTC9102s/LTC9103s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com