Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4295 Datasheet(PDF) 14 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT4295 Datasheet HTML 10Page - Analog Devices LT4295 Datasheet HTML 11Page - Analog Devices LT4295 Datasheet HTML 12Page - Analog Devices LT4295 Datasheet HTML 13Page - Analog Devices LT4295 Datasheet HTML 14Page - Analog Devices LT4295 Datasheet HTML 15Page - Analog Devices LT4295 Datasheet HTML 16Page - Analog Devices LT4295 Datasheet HTML 17Page - Analog Devices LT4295 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
14
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
LTC9101-1
CFG[2:0] (Pins 3, 2, 1 Respectively): Device Configuration
Inputs. Tie the configuration pins high or low to set num-
ber of ports, channels per port, and number of connected
LTC9102/LTC9103s. See Device Configuration for details.
CFG[0] is ignored when a custom configuration package is
present. See Stored Configurations for details.
AD[3:2] (Pins 6, 5 Respectively): I2C Address Bits 3 to
2. Tie the address pins high or low to set the base I2C
serial address. The base address will be (010A3A200)b.
Internally pulled up to VDD. See Bus Addressing for details.
CAP[2:1] (Pins 7, 23 Respectively): Core Power Supply
Bypass Capacitors. Connect each pin to a 1μF capacitance
to DGND for the internal 1.2V regulator bypass. Do not
use other capacitor values. Do not source or sink current
from this pin.
CPD (Pin 8): Clock Transceiver Positive Input Output
(Digital). Connect to CPA through a data transformer.
CND (Pin 9): Clock Transceiver Negative Input Output
(Digital). Connect to CNA through a data transformer.
DPD (Pin 10): Data Transceiver Positive Input Output
(Digital). Connect to DPA through a data transformer.
DND (Pin 11): Data Transceiver Negative Input Output
(Digital). Connect to DNA through a data transformer.
VDD (Pins 12, 19, 24): VDD IO Power Supply. Connect
to a 3.3V power supply relative to DGND. Each VDD pin
must be locally bypassed with at least a 0.1µF capacitor.
A 10µF bulk capacitor must be connected across VDD for
increased surge immunity.
4PVALID (Pin 13): 4-Pair Valid Input, Active Low. When
low, the LTC9101-1/LTC9102/LTC9103 will not apply
power to a port unless both pairsets present a valid signa-
ture. When high, the LTC9101-1/LTC9102/LTC9103 will
power any pairset presenting a valid signature, regard-
less of the other pairset. Ports in 2-pair or AT mode are
unaffected by 4-Pair Valid setting. Internally pulled down
to DGND. 4PVALID pin is ignored when a custom con-
figuration package is present. See Stored Configurations
for details.
RESET (Pin 14): Reset Input, Active Low. When RESET
is low, the LTC9101-1/LTC9102/LTC9103 is held inactive
with all ports off and all internal registers reset. When
RESET is pulled high, the LTC9101-1/LTC9102/LTC9103
begins normal operation. RESET can be connected to an
external capacitor or RC network to provide a power turn-
on delay. Internal filtering of RESET prevents glitches less
than 1µs wide from resetting the LTC9101-1/LTC9102/
LTC9103. Internally pulled up to VDD.
INT (Pin 15): Interrupt Output, Open Drain. INT will
pull low when any one of several events occur in the
LTC9101-1. It will return to a high impedance state when
bits 6 or 7 are set in the Reset PB register (0x1A). The
INT signal can be used to generate an interrupt to the
host processor, eliminating the need for continuous soft-
ware polling. Individual INT events can be disabled using
the Int Mask register (0x01). See LTC9101-1 Software
Programming documentation for more information. INT
is only updated between I2C transactions.
SDAOUT (Pin 16): Serial Data Output, Open Drain Data
Output for the I2C Serial Interface Bus. The LTC9101-1
uses two pins to implement the bidirectional SDA func-
tion to simplify opto isolation of the I2C bus. To imple-
ment a standard bidirectional SDA pin, tie SDAOUT and
SDAIN together. See Applications Information for more
information.
SDAIN (Pin 17): Serial Data Input. High impedance data
input for the I2C serial interface bus. The LTC9101-1 uses
two pins to implement the bidirectional SDA function to
simplify opto isolation of the I2C bus. To implement a stan-
dard bidirectional SDA pin, tie SDAOUT and SDAIN together.
See Applications Information for more information.
SCL (Pin 18): Serial Clock Input. High impedance clock
input for the I2C serial interface bus. The SCL pin should
be connected directly to the I2C SCL bus line. SCL must
be tied high if the I2C serial interface bus is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com