Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4295 Datasheet(PDF) 1 Page - Analog Devices

Part # LT4295
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 1 Page - Analog Devices

  LT4295 Datasheet HTML 1Page - Analog Devices LT4295 Datasheet HTML 2Page - Analog Devices LT4295 Datasheet HTML 3Page - Analog Devices LT4295 Datasheet HTML 4Page - Analog Devices LT4295 Datasheet HTML 5Page - Analog Devices LT4295 Datasheet HTML 6Page - Analog Devices LT4295 Datasheet HTML 7Page - Analog Devices LT4295 Datasheet HTML 8Page - Analog Devices LT4295 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
1
Rev. 0
For more information www.analog.com
Document Feedback
n
PoE PSE Switches/Routers and Midspans
APPLICATIONS
48-Port IEEE 802.3bt PoE PSE Controller
The LTC®9101-1/LTC9102/LTC9103 chipset is a 48-port
power sourcing equipment (PSE) controller designed for use
in IEEE 802.3at Type 2, 802.3bt Type 3 and 4 compliant Power
over Ethernet (PoE) systems. The LTC9101-1/LTC9102/
LTC9103 is designed to power compliant 802.3af, 802.3at,
and 802.3bt PDs. The LTC9101-1/LTC9102/LTC9103 chip-
set delivers lowest-in-industry heat dissipation by utilizing
low-RDS(ON) external MOSFETs and 0.1Ω sense resistance
per power channel. A transformer-isolated communication
protocol replaces expensive opto-couplers and complex iso-
lated 3.3V supply, resulting in significant BOM cost savings.
Advanced power management features include per-port
14-bit current/power monitoring, programmable current/
power limits, and versatile fast shut-down of preselected
ports. An advanced power management host software
layer is available. PD detection uses a proprietary multi-
point detection mechanism ensuring excellent immunity
from false PD identification. Autoclass and 5-event physi-
cal classification are supported. The LTC9101-1/LTC9102/
LTC9103 includes an I2C serial interface operable up to
1MHz. The LTC9101-1/LTC9102/LTC9103 is pin or I2C pro-
grammable to negotiate PD delivered power up to 71.3W.
n
Fully Compliant IEEE 802.3bt Type 3 and 4 PSE
n
Fully Compliant IEEE 802.3at Type 2 PSE
n
Software-Compatible with LTC4291-1/LTC4292
n
Up to 48 PSE Ports with One Power Channel per Port
n
Up to 24 PSE Ports with Two Power Channels per Port
n
ECC-Protected eFlash and Data RAMs
n
Low Power Path Dissipation per Channel
n
100mΩ Sense Resistance
n
30mΩ or Lower MOSFET RDS(ON)
n
Chipset Provides Electrical Isolation
n
Eliminates Optos and Isolated 3.3V Supply
n
Very High Reliability Multipoint PD Detection
n
Connection Check Distinguishes Single-
Signature and Dual-Signature PDs
n
Continuous Per-Port Power and Current Monitoring
n
1MHz I2C Compatible Serial Control Interface
n
Pin or I2C Programmable PD Power
n
Available in 24-Lead 4mm × 4mm (LTC9101-1) and
a 64-Lead 7mm × 11mm (LTC9102/LTC9103) QFN
Packages
All registered trademarks and trademarks are the property of their respective owners.
TYPICAL APPLICATION
FEATURES
ID:11b
ID:10b
ID:01b
VEE
>47µF
0.1µF
100V
S1B
0.1µF
1µF
100V
CPA
CNA
DPA
DNA
VEE
SENSE1
GATE1
AGND
LTC9102/LTC9103
1000BASE-T
OUT1
SENSE2
VSSK2
GATE2
OUT2
TX1
TX2
TX3
TX4
RJ45
1
2
6
4
3
5
7
8
VEE
VEE
VEE
RESET
SCL
SDAIN
CFG2
CFG1
CFG0
DGND
DPD
CND
VDD
LTC9101-1
CPD
DND
ISOLATION
AD2
AD3
SDAOUT
AUTO
4PVALID
MSD
INT
3.3V
(NO I2C
ISOLATION
REQUIRED)
VEE
ONE 4-PAIR PORT SHOWN
ID:00b
0.1
VEE
VSSK1
0.1
FLASH
0.1µF
100V
S1B
1000pF
2kV
•
•
•
•
1
2
3
4
9101123 TA01a
DESCRIPTION


Similar Part No. - LT4295

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4295 LINER-LT4295 Datasheet
1Mb / 12P
High Efficiency IEEE802.3bt (PoE, Type 3,40W) PD with PoE Ideal Diode Bridge
logo
Analog Devices
LT4295 AD-LT4295 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LT4295 AD-LT4295 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LT4295 AD-LT4295 Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
LT4295 AD-LT4295 Datasheet
2Mb / 39P
24-/48-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
More results

Similar Description - LT4295

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3454 SILABS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
SI3459 SILABS-SI3459 Datasheet
1Mb / 57P
OCTAL IEEE 802.3AT POE PSE CONTROLLER
logo
Linear Technology
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
NCP1096 ONSEMI-NCP1096 Datasheet
444Kb / 17P
PoE-PD Interface Controller, IEEE 802.3bt
July, 2020 ??Rev. 2
logo
Analog Devices
LTC4291-1 AD-LTC4291-1 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
LTC9101-2 AD-LTC9101-2 Datasheet
3Mb / 44P
12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Skyworks Solutions Inc.
SI3471 SKYWORKS-SI3471 Datasheet
585Kb / 26P
Autonomous Single Ethernet Port IEEE 802.3bt PoE PSE Device
Revision 1.0 May, 2021
SI3454 SKYWORKS-SI3454 Datasheet
1Mb / 57P
QUAD IEEE 802.3AT POE PSE CONTROLLER
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com