Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39301 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC39301
Description  3A, Low Voltage Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC39301 Datasheet(HTML) 2 Page - Microchip Technology

  MIC39301 Datasheet HTML 1Page - Microchip Technology MIC39301 Datasheet HTML 2Page - Microchip Technology MIC39301 Datasheet HTML 3Page - Microchip Technology MIC39301 Datasheet HTML 4Page - Microchip Technology MIC39301 Datasheet HTML 5Page - Microchip Technology MIC39301 Datasheet HTML 6Page - Microchip Technology MIC39301 Datasheet HTML 7Page - Microchip Technology MIC39301 Datasheet HTML 8Page - Microchip Technology MIC39301 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MIC39300/01/02
DS20006017B-page 2
2018 - 2022 Microchip Technology Inc. and its subsidiaries
Package Types
MIC39300-X.XBT
TO-220-3 (T)
MIC39302WU
TO-263-5 (D2Pak) (U)
MIC39301-x.xBT
TO-220-5 (T)
MIC39301-X.XBU
TO-263-5 (D2Pak) (U)
5 ADJ
4 OUT
3 GND
2IN
1EN
3
OUT
2
GND
1IN
5
FLG
4
OUT
3
GND
2IN
1EN
MIC39300-X.XBU
TO-263-3 (U)
3
OUT
2
GND
1IN
5
FLG
4
OUT
3
GND
2IN
1EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com