Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39301 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC39301
Description  3A, Low Voltage Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC39301 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC39301 Datasheet HTML 16Page - Microchip Technology MIC39301 Datasheet HTML 17Page - Microchip Technology MIC39301 Datasheet HTML 18Page - Microchip Technology MIC39301 Datasheet HTML 19Page - Microchip Technology MIC39301 Datasheet HTML 20Page - Microchip Technology MIC39301 Datasheet HTML 21Page - Microchip Technology MIC39301 Datasheet HTML 22Page - Microchip Technology MIC39301 Datasheet HTML 23Page - Microchip Technology MIC39301 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006017B-page 21
MIC39300/01/02
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC39300-1.8WT:
3A, 1% Low-Voltage LDO
Regulator, 1.8V Fixed Output
Voltage, –40°C to +125°C Junction
Temperature Range, RoHS
Compliant*, 3-Lead TO-220
Package, 50/Tube
b) MIC39300-2.5WT:
3A, 1% Low-Voltage LDO
Regulator, 2.5V Fixed Output
Voltage, –40°C to +125°C Junction
Temperature Range, RoHS
Compliant*, 3-Lead TO-220
Package, 50/Tube
c) MIC39300-2.5WU:
3A, 1% Low-Voltage LDO
Regulator, 2.5V Fixed Output
Voltage, –40°C to +125°C Junction
Temperature Range, RoHS
Compliant*, 3-Lead TO-263
Package, 50/Tube
d) MIC39300-2.5WU-TR
: 3A, 1% Low-Voltage LDO
Regulator, 2.5V Fixed Output
Voltage, –40°C to +125°C Junction
Temperature Range, RoHS
Compliant*, 3-Lead TO-263
Package, 750/Reel
e) MIC39301-1.8WT:
3A, 1% Low-Voltage LDO
Regulator with Enable, Output
Error Flag + Shutdown, 1.8V Fixed
Output Voltage, –40°C to +125°C
Junction Temperature Range,
RoHS Compliant*, 5-Lead TO-220
Package, 50/Tube
f) MIC39301-1.8WU:
3A, 1% Low-Voltage LDO
Regulator with Enable, Output
Error Flag + Shutdown, 1.8V Fixed
Output Voltage, –40°C to +125°C
Junction Temperature Range,
RoHS Compliant*, 5-Lead DDPAK
Package, 50/Tube
g) MIC39301-1.8WU-TR: 3A, 1% Low-Voltage LDO
Regulator with Enable, Output
Error Flag + Shutdown, 1.8V Fixed
Output Voltage, –40°C to +125°C
Junction Temperature Range,
RoHS Compliant*, 5-Lead DDPAK
Package, 750/Reel
h) MIC39302WU-TR:
3A Low-Voltage µCap LDO
Regulator, Adjustable Output
Voltage, –40° to +125°C Junction
Temperature Range, RoHS
Compliant*, 8-Lead SPAK
Package, 2500/Reel
i) MIC39302WU-TR
3A, 1% Adjustable Wide VIN LDO ,
Adjustable Output Voltage (1.24V
to 15.5V), –40°C to +125°C
Junction Temperature Range,
RoHS Compliant*, 5-Lead DDPAK
Package, 750/Reel
PART NO.
X
Package
Device
Device:
MIC393xx: 3A Low-Voltage µCap LDO Regulator
MIC39300: Fixed VOUT
MIC39301: Fixed VOUT with Enable + Output Error
Flag + Shutdown
MIC39302: Adjustable Wide VIN LDO
Output Voltage:
x.x = Fixed (MIC39300/39301)
1.8 = 1.8V
2.5 = 2.5V
<blank> = Adjustable (MIC39302)
Junction
Temperature Range:
W
=
–40°C to +125°C, RoHs Compliant*
Package:
T
=
3-Lead TO-220 (MIC39300)
T
=
5-Lead TO-220 (MIC39301)
U
=
3-Lead TO-263 (MIC39300)
U
=
5-Lead D2PAK (MIC39301/39302)
Media Type:
<Blank> = 50/Tube
TR
= 750/Reel (U, 3L & 5L)
X
Junction
Note 1:
Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for
package availability with the Tape and Reel option.
–XX
Media Type
–X.X
Output
Voltage Temperature
Range
* RoHS compliant with “high-melting solder” exemption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com