Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39301 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC39301
Description  3A, Low Voltage Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC39301 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC39301 Datasheet HTML 3Page - Microchip Technology MIC39301 Datasheet HTML 4Page - Microchip Technology MIC39301 Datasheet HTML 5Page - Microchip Technology MIC39301 Datasheet HTML 6Page - Microchip Technology MIC39301 Datasheet HTML 7Page - Microchip Technology MIC39301 Datasheet HTML 8Page - Microchip Technology MIC39301 Datasheet HTML 9Page - Microchip Technology MIC39301 Datasheet HTML 10Page - Microchip Technology MIC39301 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006017B-page 7
MIC39300/01/02
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Power Supply vs. Ripple
Rejection.
FIGURE 2-2:
Power Supply vs. Ripple
Rejection.
FIGURE 2-3:
Dropout Voltage vs. Output
Current.
FIGURE 2-4:
Dropout Voltage vs.
Temperature.
FIGURE 2-5:
Dropout Characteristics.
FIGURE 2-6:
Ground Current vs. Output
Current.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
FREQUENCY Hz
V
OUT = 2.5V
V
IN = 3.3V
C
OUT = 47μF
I
LOAD = 3A
0
10
20
30
40
50
FREQUENCY Hz
V
OUT = 2.5V
V
IN = 3.3V
C
OUT = 100μF
I
LOAD = 3A
0
50
100
150
200
250
300
350
400
0
1000
2000
3000
OUTPUT CURRENT (mA)
V
OUT = 1.8V
V
OUT = 2.5V
0
100
200
300
400
500
600
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
I
LOAD = 3.0A
V
OUT = 1.8V
V
OUT = 2.5V
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
INPUT VOLTAGE (V)
I
LOAD = 100mA
I
LOAD = 1.5A
I
LOAD = 3A
0
10
20
30
40
50
0
1000
2000
3000
OUTPUT CURRENT (mA)
V
OUT = 1.8V
V
OUT = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com