Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39301 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC39301
Description  3A, Low Voltage Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC39301 Datasheet(HTML) 5 Page - Microchip Technology

  MIC39301 Datasheet HTML 1Page - Microchip Technology MIC39301 Datasheet HTML 2Page - Microchip Technology MIC39301 Datasheet HTML 3Page - Microchip Technology MIC39301 Datasheet HTML 4Page - Microchip Technology MIC39301 Datasheet HTML 5Page - Microchip Technology MIC39301 Datasheet HTML 6Page - Microchip Technology MIC39301 Datasheet HTML 7Page - Microchip Technology MIC39301 Datasheet HTML 8Page - Microchip Technology MIC39301 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006017B-page 5
MIC39300/01/02
Shutdown Output Current
(Note 5)
IOUT(shdn)
—
10
20
µA
—
Flag Output (MIC39301)
Output Leakage Current
IFLG(leak)
—
0.01
1
µA
VIN = 16V
—
—
2
Output Low Voltage (Note 4)
VFLG(do)
—
220
300
mV
VIN = 2.50V, IOL = 250 µA
—
—
400
—
Low Threshold
VFLG
93
—
—
%
% of VOUT
High Threshold
—
—
99.2
%
% of VOUT
Hysteresis
—
1
—
%
—
Reference (Adjust Pin) - MIC39302 Only
Reference Voltage
VADJ
1.228 1.240 1.252
V
—
1.215
—
1.265
Reference Voltage Temp.
Coefficient (Note 6)
VTC
—
20
—
ppm/°C —
Adjust Pin Bias Current
IADJ
—
40
80
nA
—
—
—
120
Adjust Pin Bias Current
Temp. Coefficient
ITC
—
0.1
—
nA/°C —
1: Output voltage temperature coefficient is ΔVOUT(worst case) ÷ (TJ(max) – TJ(min)) where TJ(max) is +125°C
and TJ(min) is –40°C.
2: VDO = VIN – VOUT when VOUT decreases to 99% of its nominal output voltage with VIN = VOUT + 1V. For
output voltages below 2.5V, dropout voltage is the input-to-output voltage differential with the minimum
input voltage being 2.5V. Minimum input operating voltage is 2.5V.
3: IGND is the quiescent current. IIN = IGND + IOUT.
4: For a 1.8V device, VIN = 2.5V.
5: VEN ≤ 0.8V, VIN ≤ 8V, and VOUT = 0V.
6: Thermal regulation is defined as the change in output voltage at a time t after a change in power dissipa-
tion is applied, excluding load or line regulation effects. Specifications are for a 200 mA load pulse at
VIN = 8V for t = 10 ms.
Electrical Characteristics: TJ = 25°C, Bold values indicate –40°C ≤ TJ ≤ +125°C; unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com