Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39301 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC39301
Description  3A, Low Voltage Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC39301 Datasheet(HTML) 1 Page - Microchip Technology

  MIC39301 Datasheet HTML 1Page - Microchip Technology MIC39301 Datasheet HTML 2Page - Microchip Technology MIC39301 Datasheet HTML 3Page - Microchip Technology MIC39301 Datasheet HTML 4Page - Microchip Technology MIC39301 Datasheet HTML 5Page - Microchip Technology MIC39301 Datasheet HTML 6Page - Microchip Technology MIC39301 Datasheet HTML 7Page - Microchip Technology MIC39301 Datasheet HTML 8Page - Microchip Technology MIC39301 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006017B-page 1
MIC39300/01/02
Features
• 3.0A Minimum Guaranteed Output Current
• 550 mV Maximum Dropout Voltage over
Temperature
• Ideal for 3.0V to 2.5V Conversion
• Ideal for 2.5V to 1.8V Conversion
• 1% Initial Accuracy
• Low Ground Current
• Current Limiting and Thermal Shutdown
• Reversed-Battery Protection
• Reversed-Leakage Protection
• Fast Transient Response
• TO-263 (D2Pak) and TO-220 Packaging
• TTL/CMOS Compatible Enable Pin (MIC39301/2
Only)
• Error Flag Output (MIC39301 Only)
• Adjustable Output (MIC39302 Only)
Applications
• LDO Linear Regulator for PC Add-In Cards
• High-Efficiency Linear Power Supplies
• SMPS Post Regulator
• Multimedia and PC Processor Supplies
• Low Voltage Microcontrollers
• StrongARM Processor Supply
General Description
The MIC39300, MIC39301, and MIC39302 are 3.0A
low-dropout linear voltage regulators that provide a low
voltage, high-current output with a minimum of external
components. Utilizing Microchip’s proprietary Super
βeta PNP pass element, the MIC39300/1/2 offers
extremely low dropout (typically 385 mV at 3.0A) and
low ground current (typically 36 mA at 3.0A).
The MIC39300/1/2 are ideal for PC add-in cards that
need to convert from standard 3.3V to 2.5V or 2.5V to
1.8V. A guaranteed maximum dropout voltage of
500 mV over all operating conditions allows the
MIC39300/1/2 to provide 2.5V from a supply as low as
3V, and 1.8V from a supply as low as 2.5V. The
MIC39300/1/2 also have fast transient response for
heavy switching applications. The device requires only
47 µF of output capacitance to maintain stability and
achieve fast transient response.
The MIC39300/1/2 are fully protected with overcurrent
limiting,
thermal
shutdown,
reversed-battery
protection,
reversed-leakage
protection,
and
reversed-lead insertion. The MIC39301 offers a
TTL-logic compatible enable pin and an error flag that
indicates undervoltage and overcurrent conditions.
Offered in fixed voltages, the MIC39300/1 come in the
TO-220 and TO-263 (D2Pak) packages and are an
ideal upgrade to older, NPN-based linear voltage
regulators. The MIC39302 adjustable option allows
programming the output voltage anywhere between
1.24V and 15.5V and is offered in a 5-Pin TO-263
(D2Pak) package.
Typical Application Circuits
MIC39300-2.5
IN
OUT
GND
47μF Tantalum
VIN
3.3V
VOUT
2.5V
MIC39301-2.5
IN
OUT
GND
47μF Tantalum
VIN
3.3V
VOUT
2.5V
EN
FLG
ERROR FLAG
OUTPUT
ENABLE
SHUTDOWN
100k
OUT
IN
ADJ
GND
EN
C
OUT
47μF, Tantalum
*R1
*R2
2.5VOUT@3A
MIC39302U
3.0VIN
C
IN
MIC39300
MIC39301
MIC39302 Adjustable Output
Application
See the Minimum Load Current section.
3A, Low Voltage Low Dropout Regulator


Similar Part No. - MIC39301

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39301 MICREL-MIC39301 Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
MIC39301-1.8BT MICREL-MIC39301-1.8BT Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
MIC39301-1.8BU MICREL-MIC39301-1.8BU Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
MIC39301-1.8WT MICREL-MIC39301-1.8WT Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
MIC39301-1.8WU MICREL-MIC39301-1.8WU Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC39301

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300 Datasheet
107Kb / 12P
3A Low-Voltage Low-Dropout Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
3A Low Dropout Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300 Datasheet
281Kb / 8P
3A Low-Voltage Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300_09 Datasheet
322Kb / 13P
3A, Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300_08 Datasheet
271Kb / 8P
3A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
3A Low Dropout Voltage Regulator
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
3A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com