Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39301 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC39301
Description  3A, Low Voltage Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC39301 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC39301 Datasheet HTML 8Page - Microchip Technology MIC39301 Datasheet HTML 9Page - Microchip Technology MIC39301 Datasheet HTML 10Page - Microchip Technology MIC39301 Datasheet HTML 11Page - Microchip Technology MIC39301 Datasheet HTML 12Page - Microchip Technology MIC39301 Datasheet HTML 13Page - Microchip Technology MIC39301 Datasheet HTML 14Page - Microchip Technology MIC39301 Datasheet HTML 15Page - Microchip Technology MIC39301 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MIC39300/01/02
DS20006017B-page 12
2018 - 2022 Microchip Technology Inc. and its subsidiaries
4.0
APPLICATION INFORMATION
The MIC39300/1/2 are high-performance, low-dropout
voltage regulators suitable for moderate to high-current
voltage regulator applications. Its 550 mV dropout
voltage at full load makes it especially valuable in
battery-powered systems and as a high-efficiency
noise filter in post-regulator applications. Unlike older
NPN-pass transistor designs, where the minimum
dropout voltage is limited by the base-to-emitter
voltage drop and collector-to-emitter saturation
voltage, dropout performance of the PNP output of
these devices is limited only by the low VCE saturation
voltage.
A trade-off for the low dropout voltage is a varying base
drive requirement. Microchip’s Super βeta PNP
process reduces this drive requirement to only 2% to
5% of the load current.
The MIC39300/1/2 regulators are fully protected from
damage due to fault conditions. Current limiting is
provided. This limiting is linear; output current during
overload conditions is constant. Thermal shutdown
disables the device when the die temperature exceeds
the maximum safe operating temperature. Transient
protection allows device (and load) survival even when
the input voltage spikes above and below nominal. The
output structure of these regulators allows voltages in
excess of the desired output voltage to be applied
without reverse current flow.
4.1
Thermal Design
Linear regulators are simple to use. The most
complicated design parameters to consider are thermal
characteristics. Thermal
design
requires
four
application-specific parameters:
• Maximum ambient temperature (TA)
• Output Current (IOUT)
• Output Voltage (VOUT)
• Input Voltage (VIN)
• Ground Current (IGND)
Calculate the power dissipation of the regulator from
these numbers and the device parameters from this
data sheet, where the ground current is taken from the
data sheet.
EQUATION 4-1:
The heat sink thermal resistance is determined by:
EQUATION 4-2:
The heat sink may be significantly reduced in
applications where the minimum input voltage is known
and is large compared with the dropout voltage. Use a
series input resistor to drop excessive voltage and
distribute the heat between this resistor and the
regulator. The low dropout properties of Microchip’s
Super βeta PNP regulators allow significant reductions
in regulator power dissipation and the associated heat
sink without compromising performance. When this
technique is employed, a capacitor of at least 1.0 μF is
needed directly between the input and regulator
ground.
Refer to Application Note 9 for further details and
examples on thermal design and heat sink
specification.
FIGURE 4-1:
Capacitor Requirements.
4.2
Output Capacitor
The MIC39300/1/2 requires an output capacitor to
maintain stability and improve transient response.
Proper capacitor selection is important to ensure
proper operation. The MIC39300/1/2 output capacitor
selection is dependent upon the ESR (equivalent
series resistance) of the output capacitor to maintain
stability. When the output capacitor is 47 µF or greater,
the output capacitor should have less than 1Ω of ESR.
This will improve transient response as well as promote
stability. Ultra low ESR capacitors, such as ceramic
chip capacitors may promote instability. These very low
ESR levels may cause an oscillation and/or
underdamped transient response. A low-ESR solid
tantalum capacitor works extremely well and provides
PD
VIN VOUT
–
IOUT VIN IGND
+
=
SA
TJ MAX
TA
–
PD
--------------------------------
JC CS
+
–
=
Where:
TJ(MAX) ≤
125°C
θCS
Between 0°C/W and 2°C/W
MIC39300-x.x
IN
OUT
GND
CIN
COUT
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com