Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39301 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC39301
Description  3A, Low Voltage Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC39301 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC39301 Datasheet HTML 9Page - Microchip Technology MIC39301 Datasheet HTML 10Page - Microchip Technology MIC39301 Datasheet HTML 11Page - Microchip Technology MIC39301 Datasheet HTML 12Page - Microchip Technology MIC39301 Datasheet HTML 13Page - Microchip Technology MIC39301 Datasheet HTML 14Page - Microchip Technology MIC39301 Datasheet HTML 15Page - Microchip Technology MIC39301 Datasheet HTML 16Page - Microchip Technology MIC39301 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006017B-page 13
MIC39300/01/02
good transient response and stability over temperature.
Aluminum electrolytics can also be used, as long as the
ESR of the capacitor is < 1Ω.
The value of the output capacitor can be increased
without limit. Higher capacitance values help to
improve transient response and ripple rejection and
reduce output noise.
4.3
Input Capacitor
An input capacitor of 1 µF or greater is recommended
when the device is more than 4 inches away from the
bulk AC supply capacitance or when the supply is a
battery. Small, surface mount, ceramic chip capacitors
can be used for bypassing. Larger values will help to
improve ripple rejection by bypassing the input to the
regulator, further improving the integrity of the output
voltage.
4.4
Transient Response and 3.3V to
2.5V and 2.5V to 1.8V Conversions
The MIC39300/1/2 has excellent transient response to
variations in input voltage and load current. The device
has been designed to respond quickly to load current
variations and input voltage variations. Large output
capacitors are not required to obtain this performance.
A standard 47 µF output capacitor, preferably tantalum,
is all that is required. Larger values help to improve
performance even further.
By virtue of its low dropout voltage, this device does not
saturate into dropout as readily as similar NPN-based
designs. When converting from 3.3V to 2.5V or 2.5V to
1.8V, the NPN-based regulators are already operating
in dropout, with typical dropout requirements of 1.2V or
greater. To convert down to 2.5V without operating in
dropout, NPN-based regulators require an input
voltage of 3.7V at the very least. The MIC39300/1
regulator will provide excellent performance with an
input as low as 3.0V or 2.5V. This gives the PNP-based
regulators a distinct advantage over older, NPN-based
linear regulators.
4.5
Minimum Load Current
The MIC39300/1/2 regulators are specified between
finite loads. If the output current is too small, leakage
currents dominate and the output voltage rises. A
10 mA minimum load current is necessary for proper
regulation.
4.6
Error Flag
The MIC39301 version features an error flag circuit that
monitors the output voltage and signals an error
condition when the voltage drops 5% below the
nominal output voltage. The error flag is an
open-collector output that can sink 10 mA during a fault
condition.
Low output voltage can be caused by a number of
problems, including an overcurrent fault (device in
current limit) or low input voltage. The flag is
inoperative during overtemperature shutdown.
When the error flag is not used, it is best to leave it
open. A pull-up resistor from FLG to either VIN or VOUT
is required for proper operation.
4.7
Enable Input
The MIC39301/2 feature an enable input for on/off
control of the device. The enable input’s shutdown
state draws “zero” current (only microamperes of
leakage). The enable input is TTL/CMOS compatible
for simple logic interface, but can be connected to up to
20V. When enabled, it draws approximately 15 µA.
4.8
Adjustable Regulator Design
FIGURE 4-2:
Adjustable Regulator with
Resistors.
The MIC39302 allows programming the output voltage
anywhere between 1.24V and 15.5V. Two resistors are
used. The resistor values are calculated by:
EQUATION 4-3:
Where VOUT is the desired output voltage. Figure 4-2
shows the component definition. Applications with
widely varying load currents may scale the resistors to
draw the minimum load current required for proper
operation (see the Minimum Load Current section).
IN
R1
VOUT
VIN
COUT
R2
EN
OUT
ADJ
GND
MIC39302
ENABLE
SHUTDOWN
VOUT = 1.240V (1 +
)
R1
R2
R1
R2
VOUT
1.240
------------- 1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com