Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39301 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC39301
Description  3A, Low Voltage Low Dropout Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC39301 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC39301 Datasheet HTML 5Page - Microchip Technology MIC39301 Datasheet HTML 6Page - Microchip Technology MIC39301 Datasheet HTML 7Page - Microchip Technology MIC39301 Datasheet HTML 8Page - Microchip Technology MIC39301 Datasheet HTML 9Page - Microchip Technology MIC39301 Datasheet HTML 10Page - Microchip Technology MIC39301 Datasheet HTML 11Page - Microchip Technology MIC39301 Datasheet HTML 12Page - Microchip Technology MIC39301 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006017B-page 9
MIC39300/01/02
FIGURE 2-13:
Output Voltage vs.
Temperature.
FIGURE 2-14:
Error Flag Pull-Up Resistor.
FIGURE 2-15:
Enable Current vs.
Temperature.
FIGURE 2-16:
Flag-Low Voltage vs.
Temperature.
FIGURE 2-17:
Line Transient Response.
FIGURE 2-18:
Load Transient Response.
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
I
LOAD = 10mA
typical 2.5V device
0
1
2
3
4
5
6
0.01 0.1
1
10
100 100010000
RESISTANCE (k
Ω)
V
IN = 5V
FLAG HIGH
(OK)
FLAG LOW
(FAULT)
0
2
4
6
8
10
12
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
V
IN = VOUT + 1V
V
EN = 2.5V
0
50
100
150
200
250
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
V
IN = 2.5V
R
PULL-UP = 22kΩ
FLAG-LOW
VOLTAGE
TIME (100
μs/div.)
V
OUT = 2.5V
I
L = 10mA
C
OUT = 47μF
5V
3.3V
TIME (500
μs/div.)
V
IN = 3.3V
V
OUT = 2.5V
C
OUT = 47μF
3A
10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com