Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 40Page - STMicroelectronics ST25DV04KC Datasheet HTML 41Page - STMicroelectronics ST25DV04KC Datasheet HTML 42Page - STMicroelectronics ST25DV04KC Datasheet HTML 43Page - STMicroelectronics ST25DV04KC Datasheet HTML 44Page - STMicroelectronics ST25DV04KC Datasheet HTML 45Page - STMicroelectronics ST25DV04KC Datasheet HTML 46Page - STMicroelectronics ST25DV04KC Datasheet HTML 47Page - STMicroelectronics ST25DV04KC Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 203 page
background image
Table 31. GPO1
Bit
Name
Function
Factory value
b0
GPO_EN
0: GPO output is disabled. GPO is High-Z (open drain version) or is tied to
ground (CMOS version).
1: GPO output is enabled. GPO outputs enabled interrupts.
1b
b1
RF_USER_EN
0: disabled
1: GPO output level is controlled by Manage GPO Command (set/reset).
0b
b2
RF_ACTIVITY_EN
0: disabled
1: GPO output level changes from RF command EOF to response EOF.
0b
b3
RF_INTERRUPT_EN
0: disabled
1: GPO output level is controlled by Manage GPO Command (pulse).
0b
b4
FIELD_CHANGE_EN
0: disabled
1: A pulse is emitted on GPO, when RF field appears or disappears.
1b
b5
RF_PUT_MSG_EN
0: disabled
1: A pulse is emitted on GPO at completion of valid RF Write Message
command.
0b
b6
RF_GET_MSG_EN
0: disabled
1: A pulse is emitted on GPO at completion of valid RF Read Message
command if end of message has been reached.
0b
b7
RF_WRITE_EN
0: disabled
1: A pulse is emitted on GPO at completion of valid RF write operation in
EEPROM.
0b
Note:
Refer to Table 13. System configuration memory map for the GPO1 register:
•
Enables the interruption source, and enable GPO output.
•
Several interruption sources can be enabled simultaneously.
•
The updated value is valid for the next command (except for the RF_WRITE interrupt, which is valid right
after EOF of the Write Configuration command if enabled through RF).
•
The GPO_EN bit (b0) is used to disable GPO output. The interruptions are still reported in STS_Dyn
register.
•
RF configuration security session (present RF password 0) or I2C security session (present I2C password)
must be open in order to write the GPO1 register.
Table 32. GPO2 access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @01h
Write Configuration (cmd code A1h) @01h
R always, W if RF configuration security
session is open and configuration not
locked
E2=1, E1=1, 0001h R always, W if I
2C security
session is open
ST25DV04KC ST25DV16KC ST25DV64KC
GPO
DS13519 - Rev 3
page 44/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com