Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 74Page - STMicroelectronics ST25DV04KC Datasheet HTML 75Page - STMicroelectronics ST25DV04KC Datasheet HTML 76Page - STMicroelectronics ST25DV04KC Datasheet HTML 77Page - STMicroelectronics ST25DV04KC Datasheet HTML 78Page - STMicroelectronics ST25DV04KC Datasheet HTML 79Page - STMicroelectronics ST25DV04KC Datasheet HTML 80Page - STMicroelectronics ST25DV04KC Datasheet HTML 81Page - STMicroelectronics ST25DV04KC Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 203 page
background image
7.4
RF protocol description
7.4.1
Protocol description
The transmission protocol (or simply “the protocol”) defines the mechanism used to exchange instructions and
data between the VCD (Vicinity Coupling Device) and the ST25DVxxKC in both directions. It is based on the
concept of “VCD talks first”.
This means that a ST25DVxxKC does not start transmitting unless it has received and properly decoded an
instruction sent by the VCD. The protocol is based on an exchange of:
•
a request from the VCD to the ST25DVxxKC,
•
a response from the ST25DVxxKC to the VCD.
Each request and each response are contained in a frame. The frame are delimited by a Start of Frame (SOF)
and End of Frame (EOF).
The protocol is bit-oriented. The number of bits transmitted in a frame is a multiple of eight (8), that is an integer
number of bytes.
A single-byte field is transmitted least significant bit (LSBit) first. A multiple-byte field is transmitted least
significant byte (LSByte) first and each byte is transmitted least significant bit (LSBit) first.
Figure 38. ST25DVxxKC protocol timing
Request
frame
Request
frame
Response
frame
Response
frame
VCD
ST25DVxxKC
Timing
t1
t2
t1
t2
7.4.2
ST25DVxxKC states referring to RF protocol
The ST25DVxxKC can be in one of four states:
•
Power-off
•
Ready
•
Quiet
•
Selected
Transitions between these states are specified in Figure 39. ST25DVxxKC state transition diagram and
Table 95. ST25DVxxKC response depending on Request_flags.
Power-off state
The ST25DVxxKC is in the Power-off state when it does not receive enough energy from the VCD.
Ready state
The ST25DVxxKC is in the Ready state when it receives enough energy from the VCD. When in the Ready state,
the ST25DVxxKC answers any request where the Select_flag is not set.
ST25DV04KC ST25DV16KC ST25DV64KC
RF protocol description
DS13519 - Rev 3
page 78/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com