Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 90Page - STMicroelectronics ST25DV04KC Datasheet HTML 91Page - STMicroelectronics ST25DV04KC Datasheet HTML 92Page - STMicroelectronics ST25DV04KC Datasheet HTML 93Page - STMicroelectronics ST25DV04KC Datasheet HTML 94Page - STMicroelectronics ST25DV04KC Datasheet HTML 95Page - STMicroelectronics ST25DV04KC Datasheet HTML 96Page - STMicroelectronics ST25DV04KC Datasheet HTML 97Page - STMicroelectronics ST25DV04KC Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 203 page
background image
Response parameter:
•
Error code as Error_flag is set
–
03h: command option not supported
–
10h: block not available
–
11h: the specified block is already locked and thus cannot be locked again
–
14h: the specified block was not successfully locked
Figure 45. Lock Block frame exchange between VCD and ST25DVxxKC
SOF
Lock Block
request
VCD
EOF
ST25DVxxKC
t1
SOF
Lock Block
response
EOF
SOF
Lock Block
response
EOF
ST25DVxxKC
Wt
Lock sequence
when error
7.6.11
Extended Lock block
On receiving the extended Lock block request, the ST25DVxxKC locks the single block value permanently and
protects its content against new writing.
This command is only applicable for the blocks 0 and 1 which may include a CC file.
For a global protection of a area, update accordingly the AiSS bits in the system area. When the Option_flag is
set, wait for EOF to respond.
The Inventory_flag must be set to 0.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the
ST25DVxxKC may not lock correctly the single block value in memory. The Wt time is equal to t1nom + N ×
302 µs (N is an integer).
Table 125. Extended Lock block request format
Request SOF
Request_flags
Extended Lock block
UID (1)
block number
CRC16
Request EOF
-
8 bits
32h
64 bits
16 bits
16 bits
-
1. The field is optional.
Request parameter:
•
Request Flags
•
UID (optional)
•
Only block numbers 0 and 1 are allowed to protect the CCFile in case of NDEF (from LSB byte to MSB byte)
Table 126. Extended Lock block response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 94/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com