Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 92Page - STMicroelectronics ST25DV04KC Datasheet HTML 93Page - STMicroelectronics ST25DV04KC Datasheet HTML 94Page - STMicroelectronics ST25DV04KC Datasheet HTML 95Page - STMicroelectronics ST25DV04KC Datasheet HTML 96Page - STMicroelectronics ST25DV04KC Datasheet HTML 97Page - STMicroelectronics ST25DV04KC Datasheet HTML 98Page - STMicroelectronics ST25DV04KC Datasheet HTML 99Page - STMicroelectronics ST25DV04KC Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 203 page
background image
Request parameters:
•
Request flags
•
UID (optional)
•
First block number
•
Number of blocks
Table 129. Read Multiple Block response format when Error_flag is NOT set
Response SOF
Response_
flags
Block security
status (1)
Data
CRC16
Response EOF
-
8 bits
8 bits (2)
32 bits(2)
16 bits
-
1. The field is optional.
2. Repeated as needed.
Response parameters:
•
Block security status if Option_flag is set (see Table 130. Block security status
•
N blocks of data
Table 130. Block security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use.
All at 0.
0: Current block not locked
1: Current block locked
Table 131. Read Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: command option is not supported
–
0Fh: error with no information given
–
10h: the specified block is not available
–
15h: the specified block is read-protected
Figure 47. Read Multiple Block frame exchange between VCD and ST25DVxxKC
SOF
Read Multiple
Block request
VCD
ST25DVxxKC
EOF
SOF
Read Multiple
Block response
EOF
t1
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 96/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com