Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 65Page - STMicroelectronics ST25DV04KC Datasheet HTML 66Page - STMicroelectronics ST25DV04KC Datasheet HTML 67Page - STMicroelectronics ST25DV04KC Datasheet HTML 68Page - STMicroelectronics ST25DV04KC Datasheet HTML 69Page - STMicroelectronics ST25DV04KC Datasheet HTML 70Page - STMicroelectronics ST25DV04KC Datasheet HTML 71Page - STMicroelectronics ST25DV04KC Datasheet HTML 72Page - STMicroelectronics ST25DV04KC Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 203 page
background image
6.3
Device addressing
To start a communication between the bus master and the slave device, the bus master must initiate a Start
condition. Following this, the bus master sends the device select code, shown in Section B.1 Device select
codes (on serial data (SDA), the most significant bit first).
The device select code consists of a 4-bit device type identifier (I2C_DEVICE_CODE) and a 3-bit Chip Enable
“Address” (E2, E1, E0). Chip Enable bits E2 and E1 are used to select ST25DVxxKC memory to address (user or
system) and to send special I2C "RFSwitchOff"and I2C "RFSwitchOn" commands.
The eighth bit is the Read/Write bit (RW). It is set to 1 for Read and to 0 for Write operations. Refer to the table
below.
Table 89. Device select code
ST25DvxxKC function
I2C device type identifier
E2
E1
E0
R/notW
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
User memory
I2C_DEVICE_CODE[3:0]
0
1
I2C_E0
1/0
System memory
1
1
1/0
I2C RFSwitchOff
0
0
0
I2C RFSwitchOn
1
0
0
The 4-bit device type identifier and the Chip Enable bit E0 are configurable though the I2C_CFG static register.
Table 90. I2C_CFG access
RF
I2C
Command
Type
Address
Type
No access
E2=1, E1=1, 000Eh
R always, W if I2C security session is open
Table 91. I2C_CFG
Bit
Name
Function
Factory value
b3-b0
I2C_DEVICE_CODE
Device code (bits [7:4]) of I2C slave address
1010b
b4
I2C_E0
E0 bit (bit 1) of I2C slave address
1b
b5
I2C_RF_SWITCHOFF_EN
0: I2C cannot switch off/on RF with I2C « RFSwitchOff/On » commands.
1: I2C can switch off/on RF with i2C « RFSwitchOfff/On » commands
0b
b7-b6
RFU
-
00b
Note:
Refer to Table 13. System configuration memory map for the UID register.
Change in I2C_CFG command is immediate after STOP condition of the I2C write to this register. Next I2C
accesses shall use the new value of I2C_DEVICE_CODE and I2C_E0 to address the ST25DVxxKC.
If a match occurs on the device select code, the corresponding device gives an acknowledgement on serial data
(SDA) during the ninth bit time. If the device does not match the device select code, it deselects itself from the
bus, and goes into Standby mode.
ST25DV04KC ST25DV16KC ST25DV64KC
Device addressing
DS13519 - Rev 3
page 69/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com