Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 10Page - STMicroelectronics ST25DV04KC Datasheet HTML 11Page - STMicroelectronics ST25DV04KC Datasheet HTML 12Page - STMicroelectronics ST25DV04KC Datasheet HTML 13Page - STMicroelectronics ST25DV04KC Datasheet HTML 14Page - STMicroelectronics ST25DV04KC Datasheet HTML 15Page - STMicroelectronics ST25DV04KC Datasheet HTML 16Page - STMicroelectronics ST25DV04KC Datasheet HTML 17Page - STMicroelectronics ST25DV04KC Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 203 page
background image
4.2.1
User memory areas
The user memory can be split into different areas, each one with a distinct access privilege.
RF and I2C write commands are legal only within a same area:
•
In RF, Write Multiple Blocks and Extended Write Multiple Blocks command are not executed and return the
error 0Fh if addresses cross an area border.
•
In I2C, a sequential write is not executed and all bytes with addresses crossing the area border are not
acknowledged if addresses cross an area border.
RF and I2C read commands are allowed over multiple areas:
•
In RF, Read Multiple Blocks and Extended read multiple Blocks (and related Fast commands) are executed
and return all readable blocks until reaching a non readable block (address read protected or non available),
even if addresses cross area borders.
•
In I2C, sequential read returns all readable bytes until reaching a non readable byte (address read protected
or non available) even if addresses cross area borders. Non readable bytes return value FFh.
Each user memory area is defined by its ending address ENDAi. The starting address is implicitly defined by the
end of the preceding area.
There are three ENDAi registers in the configuration system memory, used to define the end addresses of Area 1,
Area 2 and Area 3. The end of Area 4 is always the last block/byte of memory and is not configurable.
Figure 10. ST25DVxxKC user memory areas
Area1
(8 Blocks/32 Bytes minimum)
Area2
Area3
Area4
ST25DV user memory
ENDA1
ENDA2
ENDA3
Areas limit
registers
Block/Byte 0000h
Last Block/Byte
of user memory
On factory delivery all ENDAi are set to maximum value, only Area1 exists and includes the full user memory.
A granularity of 8 blocks (32 bytes) is offered to code area ending points.
An area’s end limit is coded as followed in ENDAi registers:
•
Last RF block address of area = 8 x ENDAi + 7 => ENDAi = int(Last Areai RF block address / 8)
•
Last I2C byte address of area = 32 * ENDAi + 31 => ENDAi = int(Last Areai I2C byte address / 32)
•
As a consequence, ENDA1 = 0 minimum size of Area 1 is 8 blocks (32 bytes).
ST25DV04KC ST25DV16KC ST25DV64KC
User memory
DS13519 - Rev 3
page 14/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com