Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25DV04KC Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 120Page - STMicroelectronics ST25DV04KC Datasheet HTML 121Page - STMicroelectronics ST25DV04KC Datasheet HTML 122Page - STMicroelectronics ST25DV04KC Datasheet HTML 123Page - STMicroelectronics ST25DV04KC Datasheet HTML 124Page - STMicroelectronics ST25DV04KC Datasheet HTML 125Page - STMicroelectronics ST25DV04KC Datasheet HTML 126Page - STMicroelectronics ST25DV04KC Datasheet HTML 127Page - STMicroelectronics ST25DV04KC Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 203 page
background image
Table 203. Read Message Length request format
Request SOF
Request_flags
Read Message Length
IC Mfg code
UID (1)
CRC16
Request EOF
-
8 bits
ABh
02h
64 bits
16 bits
-
1. The field is optional.
Request parameters:
•
UID (Optional)
Table 204. Read Message Length response format when Error_flag is NOT set
Response SOF
Response_flags
Data
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameters:
•
One byte of data: MB_LEN_Dyn register value
Table 205. Read Message Length response format when Error_flag is set
Response SOF
Response_flags
error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
03h: command option not supported
–
0Fh: error given with no information
Figure 67. Read Message Length frame exchange between VCD and ST25DVxxKC
SOF
Read Message
Length request
VCD
ST25DVxxKC
EOF
SOF
Read Message
Length response
EOF
t1
7.6.33
Read Message
On receiving the Read Message command, the ST25DVxxKC reads up to 256 byte in the Mailbox from the
location specified by MBpointer and sends back their value in the response. First MailBox location is '00’. When
Number of bytes is set to 00h and MBPointer is equals to 00h, the MB_LEN bytes of the full message are
returned. Otherwise, Read Message command returns (Number of Bytes + 1) bytes (i.e. 01h returns 2 bytes, FFh
returns 256 bytes).
An error is reported if (Pointer + Nb of bytes + 1) is greater than the message length. RF Reading of the last byte
of the mailbox message automatically clears b1 of MB_CTRL_Dyn “HOST_PUT_MSG”, and allows RF to put a
new message.
The Option_flag is not supported. The Inventory_flag must be set to 0.
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 124/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com